データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6226QTR データシート(PDF) 10 Page - STMicroelectronics

部品番号 L6226QTR
部品情報  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226QTR データシート(HTML) 10 Page - STMicroelectronics

Back Button L6226QTR Datasheet HTML 6Page - STMicroelectronics L6226QTR Datasheet HTML 7Page - STMicroelectronics L6226QTR Datasheet HTML 8Page - STMicroelectronics L6226QTR Datasheet HTML 9Page - STMicroelectronics L6226QTR Datasheet HTML 10Page - STMicroelectronics L6226QTR Datasheet HTML 11Page - STMicroelectronics L6226QTR Datasheet HTML 12Page - STMicroelectronics L6226QTR Datasheet HTML 13Page - STMicroelectronics L6226QTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Circuit description
L6226Q
10/29
Doc ID 14335 Rev 5
4
Circuit description
4.1
Power stages and charge pump
The L6226Q integrates two independent power MOS full bridges. Each power MOS has an
RDS(on) = 0.73 Ω (typical value @ 25 °C), with intrinsic fast freewheeling diode. Cross
conduction protection is achieved using a dead time (td = 1
μs typical) between the switch
off and switch on of two power MOS in one leg of a bridge.
Using N-channel power MOS for the upper transistors in the bridge requires a gate drive
voltage above the power supply voltage. The bootstrapped (VBOOT) supply is obtained
through an internal oscillator and few external components to realize a charge pump circuit
as shown in Figure 5. The oscillator output (VCP) is a square wave at 600 kHz (typical) with
10 V amplitude. Recommended values/part numbers for the charge pump circuit are shown
in Table 6.
Figure 5.
Charge pump circuit
Table 6.
Charge pump external components values
Component
Value
CBOOT
220 nF
CP
10 nF
D1
1N4148
D2
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29