| データシートサーチシステム |
|
SC1110CSTR データシート(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1110CSTR データシート(HTML) 1 Page - Semtech Corporation |
|
1 / 7 page ![]() SC1110 SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS © 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 PRELIMINARY - October 9, 2000 1 DESCRIPTION The SC1110 is a low-cost, full featured, synchronous voltage-mode controller designed to generate termina- tion voltage in double data rate (DDR) memory sys- tems and other applications where wide data bus need to be actively terminated. Synchronous control of the MOSFET half bridge allows power flowing bi- directionally. The termination voltage can be tightly regulated to track the chipset voltage, i.e. to be exactly 50% of that at all times. The SC1110 is ideal for low cost implementation of ter- mination voltage supplies. SC1110 features include temperature compensated voltage reference, triangle wave oscillator and current sense comparator circuitry, and allows the use of inexpensive N-channel power switches. The SC1110 operates at a fixed 250kHz, providing an optimum compromise between efficiency, transient performance, external component size, and cost. FEATURES •= Generates termination voltages for active termina- tion schemes •= 1% set point accuracy •= For ±7A output current, transient regulation is bet- ter than ±80mV •= V REFIN pin available •= Buffered V REFOUT for system usage •= R DSON sensing for over current protection in hiccup mode •= Soft start and logic input enabling •= 250kHz switching for best transient and efficiency performance •= Gate drive capable for 0.5A sourcing and sinking APPLICATIONS •= For DDR memory systems •= For active termination schemes in high speed logic systems TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com DEVICE (1) PACKAGE TEMP. RANGE (T J) SC1110CSTR SO-14 0 - 125°C ORDERING INFORMATION Note: (1) Only available in tape and reel packaging. A reel contains 2500 devices. TYPICAL APPLICATION CIRCUIT Q1 Si9426DY Q2 Si9426DY R8 2.2 R3 10 L1 800 nH D1 MBRM120 C6 1.0 C12-14 3 x 560uF C10,11 2 x 560uF R6 4.7k C2 0.1 C4 0.022 C1 0.01 R2 1.24k REFOUT SS/ENBL + _ + _ Vin 2.5V Vout = 1.25V @ 7A +5Vcc R7 2.2 C8,9 2 x 10uF C7 1.0 C5 0.047 C15-24 10 x 10uF C10-14: Sanyo, 4SP560M C8,9,15-24: TDK, CC3216AX5R0J106K Q1,Q2 options: Si9426DY, FDS6890A, IRF7401 D1: ON Semi (Motorola) L1: Panasonic, ETQP6F0R8L or Falco, QPIP1205-809-3 R4 1k R5 1k C3 0.1 VCC 1 REFOUT 14 SS/ENBL 2 OCSET 3 GND 5 PHASE 6 DL 7 DH 8 BSTH 9 BSTL 10 COMP 11 SENSE 12 REFIN 13 PWRGD 4 U1 SC1110 PWRGD R1 5k C25 0.1 |
同様の部品番号 - SC1110CSTR |
|
同様の説明 - SC1110CSTR |