| データシートサーチシステム |
|
SC1110CSTR データシート(PDF) 3 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1110CSTR データシート(HTML) 3 Page - Semtech Corporation |
|
3 / 7 page ![]() SC1110 SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS © 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 PRELIMINARY - October 9, 2000 3 BLOCK DIAGRAM ELECTRICAL CHARACTERISTICS Unless specified: V CC = 4.75V to 12.6V; GND = PGND = 0V; FB = VO; VBSTL = 12V; VBSTH-PHASE = 12V; TJ = 25 oC PARAMETER CONDITIONS MIN TYP MAX UNITS MOSFET DRIVERS Peak DH Sink/Source Current BSTH - DH = 4.5V, DH - PHASE = 3.0V 0.5 A DH - PHASE = 1.5V 0.1 Peak DL Sink/Source Current BSTL - DL = 4.5V, DL - GND = 3.0V 0.5 A DL - GND = 1.5V 0.1 PROTECTION Over Current Set Isource V OCSET = 4.5V 180 200 220 µA SOFT START Charge Current V SS = 1.5V 10 µA Discharge Current V SS = 1.5V 2 µA POWER GOOD Upper Threshold 112 % Lower Threshold 88 % PWRGD Voltage Low I PWRGD = 2mA 0.5 V REFERENCE REFOUT Source Current 3 mA Input Bias 58 µA NOTE: (1) Specification refers to application circuit (Figure 1.). |