| データシートサーチシステム |
|
SC1155CSW データシート(PDF) 7 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1155CSW データシート(HTML) 7 Page - Semtech Corporation |
|
7 / 19 page ![]() SC1155 PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE © 2000 SEMTECH CORP. PRELIMINARY - August 7, 2000 7 DYNAMIC ELECTRICAL CHARACTERISTICS Unless specified: 0 < T J < 125°C, VIN12V = 12V PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS HYSTERETIC COMPARATORS (1) Propagation Delay Time from VSENSE to HIGHDR or LOWDR (excluding deadtime) t HCPROP 10mV overdrive, 1.3V < Vref < 3.5V 150 250 ns OUTPUT DRIVERS (2) HIGHDR rise/fall time tr HIGHDR ,tfHIGHDR Cl = 9nF, V BOOT = 6.5v, V BOOTLO = grounded, T J = 125 °C 60 ns LOWDR rise/fall time tr LOWDR , tf LOWDR Cl = 9nF, V DRV = 6.5v, T J = 125 °C 60 ns OVERCURRENT PROTECTION (1) Comparator Propagation Delay Time t OCPROP 1µs Deglitch Time (Includes comparator propagation delay time) t OCDGL 25 µs OVERVOLTAGE PROTECTION (1) Comparator Propagation Delay Time t OVPROP 1µs Deglitch Time (Includes comparator propagation delay time) t OVDGL 25 µs HIGH-SIDE Vds SENSING (1) Response Time t VDSRESP V HISENSE = 12v, VIOUTLO pulsed from 12v to 11.9v, 100ns rise and fall times 2µs V HISENSE = 4.5v, VIOUTLO pulsed from 4.5v to 4.4v, 100ns rise and fall times 3µs V HISENSE = 3v, VIOUTLO pulsed from 3.0v to 2.9v, 100ns rise and fall times 3µs Short Circuit Protection Rising Edge Delay t VDSRED LOSENSE grounded 300 500 ns Sample/Hold Switch turn- on/turn-off Delay t SWXDLY 3v < V HISENSE < 11v V LOSENSE = VHISENSE 30 100 ns |