| データシートサーチシステム |
|
SC1155CSW データシート(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1155CSW データシート(HTML) 1 Page - Semtech Corporation |
|
1 / 19 page ![]() SC1155 PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE © 2000 SEMTECH CORP. PRELIMINARY - August 7, 2000 1 Pentium is a registered trademark of Intel Corporation TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com DEVICE (1) PACKAGE TEMP. RANGE (T J) SC1155CSW.TR SO-28 0 - 125°C SC1155EVB Evaluation Board ORDERING INFORMATION Note: (1) Only available in tape and reel packaging. A reel contains 1000 devices. DESCRIPTION The SC1155 is a synchronous-buck switch-mode con- troller designed for use in single ended power supply applications where efficiency is the primary concern. The controller is a hysteretic type, with a user se- lectable hysteresis. The SC1155 is ideal for implement- ing DC/DC converters needed to power advanced mi- croprocessors such as Pentium ® llI and Athlon®, in both single and multiple processor configurations. Inhibit, under-voltage lockout and soft-start functions are in- cluded for controlled power-up. SC1155 features include an integrated 5 bit D/A con- verter, temperature compensated voltage reference, current limit comparator, over-current protection, and an adaptive deadtime circuit to prevent shoot-through of the power MOSFET during switching transitions. Power good signaling, logic compatible shutdown, and over-voltage protection are also provided. The inte- grated D/A converter provides programmability of out- put voltage from 1.1V to 1.85V in 25mV increments. The SC1155 high side driver can be configured as either a grounded reference or as a floating bootstrap driver. The high and low side MOSFET drivers have a peak current rating of 2 amps. FEATURES •= Programmable hysteresis •= 5 bit DAC programmable output (1.1V-1.85V) •= On-chip power good and OVP functions •= Designed to meet latest Intel specifications •= Up to 95% efficiency •= +1% voltage tolerance over temperature APPLICATIONS •= Server Systems and Workstations •= Intel Pentium® III Core Supplies •= AMD Athlon® Core Supplies •= Multiple Microprocessor Supplies •= Voltage Regulator Modules Athlon is a registered trademark of AMD Corporation TYPICAL APPLICATION CIRCUIT IOUT 1 DROOP 2 OCP 3 VHYST 4 VREFB 5 VSENSE 6 AGND 7 SOFTST 8 N/C 9 LODRV 10 LOHIB 11 DRVGND 12 LOWDR 13 DRV 14 VIN12V 15 BOOT 16 HIGHDR 17 BOOTLO 18 HISENSE 19 LOSENSE 20 IOUTLO 21 INHIBIT 22 VID4 23 VID3 24 VID2 25 VID1 26 VID0 27 PWRGD 28 U1 SC1155CSW R11 2.2 R12 3.9 L2 1.5uH C7 0.1 R3 2.7k R1 2k R4 1k R2 1k R5 100 R6 20k C5 0.001 R7 150 R8 10k +5V C8 2.2uF C9 2.2uF +12V R10 10k R9 10k C4 0.01 C6 0.1 C17-C19 150uF/16V L1 1uH C16 0.1 C27 0.1 PWRGD INHIB Vin +5 to +12V Vout = 1.1 to 1.85V C2 0.01 C3 0.01 C13 0.33 Q1 IRL3103S Q2 IRL2203S C8 0.01 +5V Vout GND C21-C26 150uF/4V C12 0.33 C20 0.1 Vin GND |
同様の部品番号 - SC1155CSW |
|
同様の説明 - SC1155CSW |