データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z8FS040 データシート(PDF) 23 Page - Zilog, Inc.

部品番号 Z8FS040
部品情報  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 データシート(HTML) 23 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 19Page - Zilog, Inc. Z8FS040 Datasheet HTML 20Page - Zilog, Inc. Z8FS040 Datasheet HTML 21Page - Zilog, Inc. Z8FS040 Datasheet HTML 22Page - Zilog, Inc. Z8FS040 Datasheet HTML 23Page - Zilog, Inc. Z8FS040 Datasheet HTML 24Page - Zilog, Inc. Z8FS040 Datasheet HTML 25Page - Zilog, Inc. Z8FS040 Datasheet HTML 26Page - Zilog, Inc. Z8FS040 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
18
EPIR_ADC_ISR Macro
This macro is executed for each ADC conversion. The application handles the ADC interrupt and
executes this macro. All motion detection processing is performed by this macro.
EPIR_ADC_ISR Macro:
PUSHX
RP
LDX
RP, #%E0
CALL
%1000
POPX
RP
The CPU cycles used by this Macro vary depending on Engine state and configuration.
PIR Engine CPU Stack Usage
The PIR engine shares the processor stack with the user application. There are no special
requirements on the placement of the stack in memory, but it is essential that the user provide enough
stack space for both the user application and the PIR engine.
The PIR engine requires maximum 6 bytes of stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56