| データシートサーチシステム |
|
Z8FS040 データシート(PDF) 53 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS040 データシート(HTML) 53 Page - Zilog, Inc. |
|
53 / 56 page ![]() ZMOTION TM Detection and Control Family Product Specification PS028506-1110 PRELIMINARY 48 The following flow diagram shows the general S/W operation for Low Scan Rate mode. Figure 16 - Software Flow Diagram – Low Scan Mode Set bit 7 of ePIR_SC1 (Engine Timer Tick) 5 Millisecond Timer Interrupt Return One Second Timer Tick Start next ADC Sample Execute EPIR_ADC_ISR Macro 1 Second? No Yes 5 Millisecond ADC Scan Monitor ePIR API for Events RESET Initialize API Registers Recommended settings supplied in lens/pyro configuration file PIR Scan Rate = 1 User Application Code Set ePIR_Enable Register to ePIR_ENABLE_PATTERN Execute EPIR_INIT Macro Wait for PIR Sensor Stable ePIR_SC0:0=1 ePIR Initialization Main Application Loop Initialize Flash Frequency Register Enable ADC in PWRCTL0 Initialize Oscillator & WDT Set up GPIO’s for application Set up Timer for 5 Millisecond Interrupt Enable Global Interrupts HALT (Optional) Application Initialization Turn off ADC to Conserve Power Enter ADC Interrupt Exit ADC Interrupt ADC Interrupt |