| データシートサーチシステム |
|
UR5HC418-FN データシート(PDF) 11 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
UR5HC418-FN データシート(HTML) 11 Page - Semtech Corporation |
|
11 / 14 page ![]() Copyright ©1997-2001 Semtech Corporation DOC5-418-DS-109 www.semtech.com 11 MECHANICALS FOR THE UR5HC418-FN W Y BRK D D V N M L 1 (Note 1) 44 44 Leads PLCC P + + Z G G1 C A R E J 44 (Note 1) Detail S G1 X Note 1 U Z1 B A B C E F G H J K R U V W X Y Z G1 K1 Z1 17.40 17.65 0.685 0.695 17.40 17.65 0.685 0.695 4.20 4.57 0.165 0.180 2.29 2.79 0.090 0.110 0.33 0.48 0.013 0.019 1.27 BSC 0.050 BSC 0.66 0.81 0.026 0.032 0.51 - 0.020 - 0.64 - 0.025 - 16.51 16.66 0.650 0.656 16.51 16.66 0.650 0.656 1.07 1.21 0.042 0.048 - 0.50 - 0.020 2 10 2 10 15.50 16.00 0.610 0.630 1.02 - 0.040 - 2 10 2 10 MIN MAX MIN MAX MILLIMETERS INCHES 1.07 1.21 0.042 0.048 1.07 1.42 0.042 0.056 DIM 00 0 0 0 00 K1 K F H 0.18 (0.007) 0.18 (0.007) T T - L S M S N S P S L S M S N S P S 0.18 (0.007) 0.18 (0.007) T T - L S M S N S P S L S M S N S P S 0.18 (0.007) T L S M S N S P S 0.18 (0.007) T L S M S N S P S 0.18 (0.007) T - L S M S N S P S 0.25 (0.010) T - L S M S N S P S Seating Plane T 0.010 (0.004) 0.18 (0.007) T - L S M S N S P S Notes: 1. Due to space limitation, the chip is represented by a general (smaller) case outline drawing rather than showing all 44 leads. 2. Datums L, M, N, and P determine where the top of the lead shoulder exits plastic body at mold parting line 3. DIM G1, true position to be measured at Datum T, Seating Plane 4. DIM R and U do not include mold protusion. Allowable mold protusion is 0.25 (0.010) per side. 5. Dimensioning and tolerancing per Ansi Y14.5M, 1982 6. Controlling dimension: Inch Detail S M M M M 0.25 (0.010) T - L S M S N S P S -- - - M - - - M - M - - M - - - View D-D M - M |