| データシートサーチシステム |
|
UR5HC418-FN データシート(PDF) 12 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
UR5HC418-FN データシート(HTML) 12 Page - Semtech Corporation |
|
12 / 14 page ![]() Copyright ©1997-2001 Semtech Corporation DOC5-418-DS-109 www.semtech.com 12 MECHANICALS FOR THE UR5HC418-FB Detail A M Q W K X T R C Datum Plane Detail C L B A L B V D A S C E G M M H Seating Plane H Datum Plane A,B,D 0.20 (0.008) C A-B S D S M 0.05 (0.002) A-B 0.20 (0.008) H A-B S D S M 0.01 (0.004) B C D E F G H J K L M N Q R S T U V X 9.90 10.10 0.390 0.398 2.10 2.45 0.083 0.096 0.30 0.45 0.012 0.018 2.00 2.10 0.079 0.083 0.30 0.40 0.012 0.016 0.80 BSC 0.031 BSC 0.25 0.010 0.13 - 0.005 0.65 - 0.026 - 5 10 5 10 0.13 0.17 0.005 0.007 13.45 0.530 0.13 0.005 0 0 0.510 0.40 0.016 MIN MAX MIN MAX MILLIMETERS INCHES 0 7 0 7 0.13 .30 0.005 0.012 DIM 0 0 0 0 0 0 0 JN F Base Metal D 0.20 (0.008) C A-B S D S M Section B-B A 9.90 10.10 0.390 0.398 0.23 0.009 0.037 0.95 8.00 REF 0.315 REF 12.95 0.510 0 0 0 W 12.95 1.6 REF 13.45 0.530 0.063 REF Notes 1. Dimensioning and tolerancing per Ansi Y14.5-M, 1982 2. Controlling dimension: Millimeter 3. Datum Plane "H" is located at the bottom of the lead and is coincident with the lead where the lead exits the plastic body at the bottom of the parting line. 4. Datums -A-, -B-, and -D- to be determined at Datum Plane -H-. 5. Dimensions S and V to be determined at seating plane -C-. 6. Dimensions A and B do not include Mold protusion. Allowable protusion is 0.25 (0.010) per side. Dimensions A and B do include mold mismatch and are determined at Datum Plane -H-. 7. Dimension D does not include Danbar protrusion. Allowable Danbar protrusion is 0.08 (0.003) total in excess of the D dimension at Maximum Material Condition. Danbar cannot be located on the lower radius or the foot. -- - - - B Detail A Detail C 1 12 22 11 34 44 33 23 H |