データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMC4040SSD データシート(PDF) 3 Page - Diodes Incorporated

部品番号 DMC4040SSD
部品情報  40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4040SSD データシート(HTML) 3 Page - Diodes Incorporated

  DMC4040SSD Datasheet HTML 1Page - Diodes Incorporated DMC4040SSD Datasheet HTML 2Page - Diodes Incorporated DMC4040SSD Datasheet HTML 3Page - Diodes Incorporated DMC4040SSD Datasheet HTML 4Page - Diodes Incorporated DMC4040SSD Datasheet HTML 5Page - Diodes Incorporated DMC4040SSD Datasheet HTML 6Page - Diodes Incorporated DMC4040SSD Datasheet HTML 7Page - Diodes Incorporated DMC4040SSD Datasheet HTML 8Page - Diodes Incorporated DMC4040SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DMC4040SSD
Document number: DS32120 Rev. 2 - 2
3 of 11
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC4040SSD
Thermal Characteristics
0.1
1
10
10m
100m
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
100µ
1m
10m 100m
1
10
100
1k
1
10
100
0.1
1
10
10m
100m
1
10
R(theta junction-to-ambient), R
θJA
One active die
100us
100ms
1s
R
DS(ON)
Limited
1ms
N-channel Safe Operating Area
Single Pulse
T
amb
= 25°C
One active die
DC
10ms
V
DS
Drain-Source Voltage (V)
One active die
Two active die
Derating Curve
Temperature (°C)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
Single Pulse
T
amb
= 25°C
One active die
Pulse Power Dissipation
Pulse Width (s)
Single Pulse
T
amb
= 25°C
One active die
1s
DC
100us
1ms
10ms
100ms
R
DS(ON)
Limited
P-channel Safe Operating Area
-V
DS
Drain-Source Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11