| データシートサーチシステム |
|
DMC4040SSD データシート(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DMC4040SSD データシート(HTML) 4 Page - Diodes Incorporated |
|
4 / 11 page ![]() DMC4040SSD Document number: DS32120 Rev. 2 - 2 4 of 11 www.diodes.com March 2011 © Diodes Incorporated A Product Line of Diodes Incorporated DMC4040SSD Electrical Characteristics – Q1 N-CHANNEL @TA = 25°C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Condition OFF CHARACTERISTICS Drain-Source Breakdown Voltage BVDSS 40 ⎯ ⎯ V ID = 250μA, VGS= 0V Zero Gate Voltage Drain Current IDSS ⎯ ⎯ 1.0 μA VDS= 40V, VGS= 0V Gate-Source Leakage IGSS ⎯ ⎯ ±100 nA VGS= ±20V, VDS= 0V ON CHARACTERISTICS Gate Threshold Voltage VGS(th) 0.8 1.3 1.8 V ID= 250μA, VDS= VGS Static Drain-Source On-Resistance (Note 8) RDS (ON) ⎯ 0.013 0.025 Ω VGS= 10V, ID= 3A 0.028 0.040 VGS= 4.5V, ID= 3A Forward Transconductance (Notes 8 & 9) gfs ⎯ 12.6 ⎯ S VDS= 5V, ID= 3A Diode Forward Voltage (Note 8) VSD ⎯ 0.7 1.0 V IS= 1A, VGS= 0V DYNAMIC CHARACTERISTICS (Note 9) Input Capacitance Ciss ⎯ 1790 ⎯ pF VDS= 20V, VGS= 0V f= 1MHz Output Capacitance Coss ⎯ 160 ⎯ Reverse Transfer Capacitance Crss ⎯ 120 ⎯ Gate Resistance Rg ⎯ 1.03 ⎯ Ω VDS= 0V, VGS= 0V, f= 1MHz Total Gate Charge (Note 10) Qg ⎯ 16.0 ⎯ nC VGS= 4.5V VDS= 20V ID= 3A Total Gate Charge (Note 10) Qg ⎯ 37.6 ⎯ VGS= 10V Gate-Source Charge (Note 10) Qgs ⎯ 7.8 ⎯ Gate-Drain Charge (Note 10) Qgd ⎯ 6.6 ⎯ Turn-On Delay Time (Note 10) tD(on) ⎯ 8.1 ⎯ ns VDD= 20V, VGS= 10V ID= 3A Turn-On Rise Time (Note 10) tr ⎯ 15.1 ⎯ Turn-Off Delay Time (Note 10) tD(off) ⎯ 24.3 ⎯ Turn-Off Fall Time (Note 10) tf ⎯ 5.3 ⎯ Notes: 8. Measured under pulsed conditions. Pulse width ≤ 300μs; duty cycle ≤ 2% 9. For design aid only, not subject to production testing. 10. Switching characteristics are independent of operating junction temperatures. Typical Characteristics – Q1 N-Channel 0 5 10 15 20 25 30 0 0.5 1 1.5 2 Fig. 1 Typical Output Characteristic V , DRAIN-SOURCE VOLTAGE (V) DS V = 3.5V GS V = 2.5V GS V = 3.0V GS V = 4.0V GS V = 4.5V GS V = 8.0V GS 0 5 10 15 20 25 30 01 2 3 45 Fig. 2 Typical Transfer Characteristic V , GATE-SOURCE VOLTAGE (V) GS T = -55°C A T = 25°C A T = 85°C A T = 125°C A T = 150°C A V = 5V DS |