データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV7623 データシート(PDF) 21 Page - STMicroelectronics

部品番号 STV7623
部品情報  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623 データシート(HTML) 21 Page - STMicroelectronics

Back Button STV7623 Datasheet HTML 17Page - STMicroelectronics STV7623 Datasheet HTML 18Page - STMicroelectronics STV7623 Datasheet HTML 19Page - STMicroelectronics STV7623 Datasheet HTML 20Page - STMicroelectronics STV7623 Datasheet HTML 21Page - STMicroelectronics STV7623 Datasheet HTML 22Page - STMicroelectronics STV7623 Datasheet HTML 23Page - STMicroelectronics STV7623 Datasheet HTML 24Page - STMicroelectronics STV7623 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
STV7623
Pad information
Doc ID 018939 Rev 1
21/27
OUT<275>
2346.0
1145.46
51.0
51.0
OUT<276>
2414.0
1145.46
51.0
51.0
OUT<277>
2482.0
1145.46
51.0
51.0
OUT<278>
2550.0
1145.46
51.0
51.0
OUT<279>
2618.0
1145.46
51.0
51.0
OUT<280>
2686.0
1145.46
51.0
51.0
OUT<281>
2754.0
1145.46
51.0
51.0
OUT<282>
2822.0
1145.46
51.0
51.0
OUT<283>
2890.0
1145.46
51.0
51.0
OUT<284>
2958.0
1145.46
51.0
51.0
OUT<285>
3026.0
1145.46
51.0
51.0
OUT<286>
3094.0
1145.46
51.0
51.0
OUT<287>
3162.0
1145.46
51.0
51.0
OUT<288>
3230.0
1145.46
51.0
51.0
OUT<289>
3298.0
1145.46
51.0
51.0
OUT<290>
3366.0
1145.46
51.0
51.0
OUT<291>
3434.0
1145.46
51.0
51.0
OUT<292>
3502.0
1145.46
51.0
51.0
OUT<293>
3570.0
1145.46
51.0
51.0
OUT<294>
3638.0
1145.46
51.0
51.0
OUT<295>
3706.0
1145.46
51.0
51.0
OUT<296>
3774.0
1145.46
51.0
51.0
OUT<297>
3842.0
1145.46
51.0
51.0
OUT<298>
3910.0
1145.46
51.0
51.0
OUT<299>
3978.0
1145.46
51.0
51.0
OUT<300>
4046.0
1145.46
51.0
51.0
OUT<301>
4114.0
1145.46
51.0
51.0
OUT<302>
4182.0
1145.46
51.0
51.0
OUT<303>
4250.0
1145.46
51.0
51.0
OUT<304>
4318.0
1145.46
51.0
51.0
OUT<305>
4386.0
1145.46
51.0
51.0
OUT<306>
4454.0
1145.46
51.0
51.0
OUT<307>
4522.0
1145.46
51.0
51.0
OUT<308>
4590.0
1145.46
51.0
51.0
OUT<309>
4658.0
1145.46
51.0
51.0
OUT<310>
4726.0
1145.46
51.0
51.0
OUT<311>
4794.0
1145.46
51.0
51.0
OUT<312>
4862.0
1145.46
51.0
51.0
OUT<313>
4930.0
1145.46
51.0
51.0
OUT<314>
4998.0
1145.46
51.0
51.0
OUT<315>
5066.0
1145.46
51.0
51.0
OUT<316>
5134.0
1145.46
51.0
51.0
OUT<317>
5202.0
1145.46
51.0
51.0
OUT<318>
5270.0
1145.46
51.0
51.0
OUT<319>
5338.0
1145.46
51.0
51.0
OUT<320>
5406.0
1145.46
51.0
51.0
OUT<321>
5474.0
1145.46
51.0
51.0
OUT<322>
5542.0
1145.46
51.0
51.0
OUT<323>
5610.0
1145.46
51.0
51.0
OUT<324>
5678.0
1145.46
51.0
51.0
OUT<325>
5746.0
1145.46
51.0
51.0
OUT<326>
5814.0
1145.46
51.0
51.0
OUT<327>
5882.0
1145.46
51.0
51.0
OUT<328>
5950.0
1145.46
51.0
51.0
OUT<329>
6018.0
1145.46
51.0
51.0
OUT<330>
6086.0
1145.46
51.0
51.0
OUT<331>
6154.0
1145.46
51.0
51.0
OUT<332>
6222.0
1145.46
51.0
51.0
OUT<333>
6290.0
1145.46
51.0
51.0
OUT<334>
6358.0
1145.46
51.0
51.0
OUT<335>
6426.0
1145.46
51.0
51.0
OUT<336>
6494.0
1145.46
51.0
51.0
OUT<337>
6562.0
1145.46
51.0
51.0
OUT<338>
6630.0
1145.46
51.0
51.0
OUT<339>
6698.0
1145.46
51.0
51.0
OUT<340>
6766.0
1145.46
51.0
51.0
OUT<341>
6834.0
1145.46
51.0
51.0
OUT<342>
6902.0
1145.46
51.0
51.0
OUT<343>
6970.0
1145.46
51.0
51.0
OUT<344>
7038.0
1145.46
51.0
51.0
OUT<345>
7106.0
1145.46
51.0
51.0
OUT<346>
7174.0
1145.46
51.0
51.0
OUT<347>
7242.0
1145.46
51.0
51.0
OUT<348>
7310.0
1145.46
51.0
51.0
OUT<349>
7378.0
1145.46
51.0
51.0
OUT<350>
7446.0
1145.46
51.0
51.0
OUT<351>
7514.0
1145.46
51.0
51.0
OUT<352>
7582.0
1145.46
51.0
51.0
OUT<353>
7650.0
1145.46
51.0
51.0
OUT<354>
7718.0
1145.46
51.0
51.0
OUT<355>
7786.0
1145.46
51.0
51.0
OUT<356>
7854.0
1145.46
51.0
51.0
OUT<357>
7922.0
1145.46
51.0
51.0
OUT<358>
7990.0
1145.46
51.0
51.0
OUT<359>
8058.0
1145.46
51.0
51.0
OUT<360>
8126.0
1145.46
51.0
51.0
OUT<361>
8194.0
1145.46
51.0
51.0
OUT<362>
8262.0
1145.46
51.0
51.0
OUT<363>
8330.0
1145.46
51.0
51.0
OUT<364>
8398.0
1145.46
51.0
51.0
OUT<365>
8466.0
1145.46
51.0
51.0
OUT<366>
8534.0
1145.46
51.0
51.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27