データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV7623 データシート(PDF) 23 Page - STMicroelectronics

部品番号 STV7623
部品情報  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623 データシート(HTML) 23 Page - STMicroelectronics

Back Button STV7623 Datasheet HTML 19Page - STMicroelectronics STV7623 Datasheet HTML 20Page - STMicroelectronics STV7623 Datasheet HTML 21Page - STMicroelectronics STV7623 Datasheet HTML 22Page - STMicroelectronics STV7623 Datasheet HTML 23Page - STMicroelectronics STV7623 Datasheet HTML 24Page - STMicroelectronics STV7623 Datasheet HTML 25Page - STMicroelectronics STV7623 Datasheet HTML 26Page - STMicroelectronics STV7623 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
STV7623
Pad information
Doc ID 018939 Rev 1
23/27
OUT<436>
4114.0
-1145.46
51.0
51.0
OUT<437>
4046.0
-1145.46
51.0
51.0
OUT<438>
3978.0
-1145.46
51.0
51.0
OUT<439>
3910.0
-1145.46
51.0
51.0
OUT<440>
3842.0
-1145.46
51.0
51.0
OUT<441>
3774.0
-1145.46
51.0
51.0
OUT<442>
3706.0
-1145.46
51.0
51.0
OUT<443>
3638.0
-1145.46
51.0
51.0
OUT<444>
3570.0
-1145.46
51.0
51.0
OUT<445>
3502.0
-1145.46
51.0
51.0
OUT<446>
3434.0
-1145.46
51.0
51.0
OUT<447>
3366.0
-1145.46
51.0
51.0
OUT<448>
3298.0
-1145.46
51.0
51.0
OUT<449>
3230.0
-1145.46
51.0
51.0
OUT<450>
3162.0
-1145.46
51.0
51.0
OUT<451>
3094.0
-1145.46
51.0
51.0
OUT<452>
3026.0
-1145.46
51.0
51.0
OUT<453>
2958.0
-1145.46
51.0
51.0
OUT<454>
2890.0
-1145.46
51.0
51.0
OUT<455>
2822.0
-1145.46
51.0
51.0
OUT<456>
2754.0
-1145.46
51.0
51.0
OUT<457>
2686.0
-1145.46
51.0
51.0
OUT<458>
2618.0
-1145.46
51.0
51.0
OUT<459>
2550.0
-1145.46
51.0
51.0
OUT<460>
2482.0
-1145.46
51.0
51.0
OUT<461>
2414.0
-1145.46
51.0
51.0
OUT<462>
2346.0
-1145.46
51.0
51.0
OUT<463>
2278.0
-1145.46
51.0
51.0
OUT<464>
2210.0
-1145.46
51.0
51.0
OUT<465>
2142.0
-1145.46
51.0
51.0
OUT<466>
2074.0
-1145.46
51.0
51.0
OUT<467>
2006.0
-1145.46
51.0
51.0
OUT<468>
1938.0
-1145.46
51.0
51.0
OUT<469>
1870.0
-1145.46
51.0
51.0
OUT<470>
1802.0
-1145.46
51.0
51.0
OUT<471>
1734.0
-1145.46
51.0
51.0
OUT<472>
1666.0
-1145.46
51.0
51.0
OUT<473>
1598.0
-1145.46
51.0
51.0
OUT<474>
1530.0
-1145.46
51.0
51.0
OUT<475>
1462.0
-1145.46
51.0
51.0
OUT<476>
1394.0
-1145.46
51.0
51.0
OUT<477>
1326.0
-1145.46
51.0
51.0
OUT<478>
1258.0
-1145.46
51.0
51.0
OUT<479>
1190.0
-1145.46
51.0
51.0
OUT<480>
1122.0
-1145.46
51.0
51.0
VP_4
1023.655
-1145.46
51.0
51.0
vdd!_4
955.655
-1145.46
51.0
51.0
vdd!_5
887.655
-1145.46
51.0
51.0
gnd!_5
808.605
-1145.46
51.0
51.0
gnd!_6
740.605
-1145.46
51.0
51.0
vss!_9
661.555
-1145.46
51.0
51.0
vss!_10
593.555
-1145.46
51.0
51.0
STV2
512.465
-1145.46
51.0
51.0
TEST
440.215
-1145.46
51.0
51.0
DIR
367.965
-1145.46
51.0
51.0
vdd!_6
295.715
-1145.46
51.0
51.0
CLK
223.465
-1145.46
51.0
51.0
BLK
151.215
-1145.46
51.0
51.0
POL
78.965
-1145.46
51.0
51.0
gnd!_7
0.0
-1145.46
51.0
51.0
POL_1
-78.965
-1145.46
51.0
51.0
BLK_1
-151.215
-1145.46
51.0
51.0
CLK_1
-223.465
-1145.46
51.0
51.0
JUST
-295.715
-1145.46
51.0
51.0
DIR_1
-367.965
-1145.46
51.0
51.0
LTH
-440.215
-1145.46
51.0
51.0
STV1
-512.465
-1145.46
51.0
51.0
vss!_11
-593.555
-1145.46
51.0
51.0
vss!_12
-661.555
-1145.46
51.0
51.0
gnd!_8
-740.605
-1145.46
51.0
51.0
gnd!_9
-808.605
-1145.46
51.0
51.0
vdd!_7
-887.655
-1145.46
51.0
51.0
vdd!_8
-955.655
-1145.46
51.0
51.0
VP_5
-1023.655
-1145.46
51.0
51.0
OUT<1>
-1122.0
-1145.46
51.0
51.0
OUT<2>
-1190.0
-1145.46
51.0
51.0
OUT<3>
-1258.0
-1145.46
51.0
51.0
OUT<4>
-1326.0
-1145.46
51.0
51.0
OUT<5>
-1394.0
-1145.46
51.0
51.0
OUT<6>
-1462.0
-1145.46
51.0
51.0
OUT<7>
-1530.0
-1145.46
51.0
51.0
OUT<8>
-1598.0
-1145.46
51.0
51.0
OUT<9>
-1666.0
-1145.46
51.0
51.0
OUT<10>
-1734.0
-1145.46
51.0
51.0
OUT<11>
-1802.0
-1145.46
51.0
51.0
OUT<12>
-1870.0
-1145.46
51.0
51.0
OUT<13>
-1938.0
-1145.46
51.0
51.0
OUT<14>
-2006.0
-1145.46
51.0
51.0
OUT<15>
-2074.0
-1145.46
51.0
51.0
OUT<16>
-2142.0
-1145.46
51.0
51.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27