データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV7623WPB3 データシート(PDF) 20 Page - STMicroelectronics

部品番号 STV7623WPB3
部品情報  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 データシート(HTML) 20 Page - STMicroelectronics

Back Button STV7623WPB3 Datasheet HTML 16Page - STMicroelectronics STV7623WPB3 Datasheet HTML 17Page - STMicroelectronics STV7623WPB3 Datasheet HTML 18Page - STMicroelectronics STV7623WPB3 Datasheet HTML 19Page - STMicroelectronics STV7623WPB3 Datasheet HTML 20Page - STMicroelectronics STV7623WPB3 Datasheet HTML 21Page - STMicroelectronics STV7623WPB3 Datasheet HTML 22Page - STMicroelectronics STV7623WPB3 Datasheet HTML 23Page - STMicroelectronics STV7623WPB3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Pad information
STV7623
20/27
Doc ID 018939 Rev 1
OUT<183>
-3910.0
1145.46
51.0
51.0
OUT<184>
-3842.0
1145.46
51.0
51.0
OUT<185>
-3774.0
1145.46
51.0
51.0
OUT<186>
-3706.0
1145.46
51.0
51.0
OUT<187>
-3638.0
1145.46
51.0
51.0
OUT<188>
-3570.0
1145.46
51.0
51.0
OUT<189>
-3502.0
1145.46
51.0
51.0
OUT<190>
-3434.0
1145.46
51.0
51.0
OUT<191>
-3366.0
1145.46
51.0
51.0
OUT<192>
-3298.0
1145.46
51.0
51.0
OUT<193>
-3230.0
1145.46
51.0
51.0
OUT<194>
-3162.0
1145.46
51.0
51.0
OUT<195>
-3094.0
1145.46
51.0
51.0
OUT<196>
-3026.0
1145.46
51.0
51.0
OUT<197>
-2958.0
1145.46
51.0
51.0
OUT<198>
-2890.0
1145.46
51.0
51.0
OUT<199>
-2822.0
1145.46
51.0
51.0
OUT<200>
-2754.0
1145.46
51.0
51.0
OUT<201>
-2686.0
1145.46
51.0
51.0
OUT<202>
-2618.0
1145.46
51.0
51.0
OUT<203>
-2550.0
1145.46
51.0
51.0
OUT<204>
-2482.0
1145.46
51.0
51.0
OUT<205>
-2414.0
1145.46
51.0
51.0
OUT<206>
-2346.0
1145.46
51.0
51.0
OUT<207>
-2278.0
1145.46
51.0
51.0
OUT<208>
-2210.0
1145.46
51.0
51.0
OUT<209>
-2142.0
1145.46
51.0
51.0
OUT<210>
-2074.0
1145.46
51.0
51.0
OUT<211>
-2006.0
1145.46
51.0
51.0
OUT<212>
-1938.0
1145.46
51.0
51.0
OUT<213>
-1870.0
1145.46
51.0
51.0
OUT<214>
-1802.0
1145.46
51.0
51.0
OUT<215>
-1734.0
1145.46
51.0
51.0
OUT<216>
-1666.0
1145.46
51.0
51.0
OUT<217>
-1598.0
1145.46
51.0
51.0
OUT<218>
-1530.0
1145.46
51.0
51.0
OUT<219>
-1462.0
1145.46
51.0
51.0
OUT<220>
-1394.0
1145.46
51.0
51.0
OUT<221>
-1326.0
1145.46
51.0
51.0
OUT<222>
-1258.0
1145.46
51.0
51.0
OUT<223>
-1190.0
1145.46
51.0
51.0
OUT<224>
-1122.0
1145.46
51.0
51.0
OUT<225>
-1054.0
1145.46
51.0
51.0
OUT<226>
-986.0
1145.46
51.0
51.0
OUT<227>
-918.0
1145.46
51.0
51.0
OUT<228>
-850.0
1145.46
51.0
51.0
OUT<229>
-782.0
1145.46
51.0
51.0
OUT<230>
-714.0
1145.46
51.0
51.0
OUT<231>
-646.0
1145.46
51.0
51.0
OUT<232>
-578.0
1145.46
51.0
51.0
OUT<233>
-510.0
1145.46
51.0
51.0
OUT<234>
-442.0
1145.46
51.0
51.0
OUT<235>
-374.0
1145.46
51.0
51.0
OUT<236>
-306.0
1145.46
51.0
51.0
OUT<237>
-238.0
1145.46
51.0
51.0
OUT<238>
-170.0
1145.46
51.0
51.0
OUT<239>
-102.0
1145.46
51.0
51.0
OUT<240>
-34.0
1145.46
51.0
51.0
OUT<241>
34.0
1145.46
51.0
51.0
OUT<242>
102.0
1145.46
51.0
51.0
OUT<243>
170.0
1145.46
51.0
51.0
OUT<244>
238.0
1145.46
51.0
51.0
OUT<245>
306.0
1145.46
51.0
51.0
OUT<246>
374.0
1145.46
51.0
51.0
OUT<247>
442.0
1145.46
51.0
51.0
OUT<248>
510.0
1145.46
51.0
51.0
OUT<249>
578.0
1145.46
51.0
51.0
OUT<250>
646.0
1145.46
51.0
51.0
OUT<251>
714.0
1145.46
51.0
51.0
OUT<252>
782.0
1145.46
51.0
51.0
OUT<253>
850.0
1145.46
51.0
51.0
OUT<254>
918.0
1145.46
51.0
51.0
OUT<255>
986.0
1145.46
51.0
51.0
OUT<256>
1054.0
1145.46
51.0
51.0
OUT<257>
1122.0
1145.46
51.0
51.0
OUT<258>
1190.0
1145.46
51.0
51.0
OUT<259>
1258.0
1145.46
51.0
51.0
OUT<260>
1326.0
1145.46
51.0
51.0
OUT<261>
1394.0
1145.46
51.0
51.0
OUT<262>
1462.0
1145.46
51.0
51.0
OUT<263>
1530.0
1145.46
51.0
51.0
OUT<264>
1598.0
1145.46
51.0
51.0
OUT<265>
1666.0
1145.46
51.0
51.0
OUT<266>
1734.0
1145.46
51.0
51.0
OUT<267>
1802.0
1145.46
51.0
51.0
OUT<268>
1870.0
1145.46
51.0
51.0
OUT<269>
1938.0
1145.46
51.0
51.0
OUT<270>
2006.0
1145.46
51.0
51.0
OUT<271>
2074.0
1145.46
51.0
51.0
OUT<272>
2142.0
1145.46
51.0
51.0
OUT<273>
2210.0
1145.46
51.0
51.0
OUT<274>
2278.0
1145.46
51.0
51.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27