データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV7623WPB3 データシート(PDF) 22 Page - STMicroelectronics

部品番号 STV7623WPB3
部品情報  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 データシート(HTML) 22 Page - STMicroelectronics

Back Button STV7623WPB3 Datasheet HTML 18Page - STMicroelectronics STV7623WPB3 Datasheet HTML 19Page - STMicroelectronics STV7623WPB3 Datasheet HTML 20Page - STMicroelectronics STV7623WPB3 Datasheet HTML 21Page - STMicroelectronics STV7623WPB3 Datasheet HTML 22Page - STMicroelectronics STV7623WPB3 Datasheet HTML 23Page - STMicroelectronics STV7623WPB3 Datasheet HTML 24Page - STMicroelectronics STV7623WPB3 Datasheet HTML 25Page - STMicroelectronics STV7623WPB3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Pad information
STV7623
22/27
Doc ID 018939 Rev 1
OUT<367>
8602.0
1145.46
51.0
51.0
OUT<368>
8670.0
1145.46
51.0
51.0
vss!_1
8803.79
1251.455
73.1
73.1 (die corner, stress relief pad)
vss!_2
8908.34
1151.24
73.1
73.1 (die corner, stress relief pad)
VP
8916.415
997.73
51.0
51.0
VP_1
8916.415
929.73
51.0
51.0
vdd!
8916.415
752.93
51.0
51.0
vdd!_1
8916.415
684.93
51.0
51.0
gnd!
8916.415
508.13
51.0
51.0
gnd!_1
8916.415
440.13
51.0
51.0
vss!_3
8916.415
263.33
51.0
51.0
vss!_4
8916.415
195.33
51.0
51.0
gnd!_2
8916.415
0.0
51.0
51.0
vss!_5
8916.415
-195.33
51.0
51.0
vss!_6
8916.415
-263.33
51.0
51.0
gnd!_3
8916.415
-440.13
51.0
51.0
gnd!_4
8916.415
-508.13
51.0
51.0
vdd!_2
8916.415
-684.93
51.0
51.0
vdd!_3
8916.415
-752.93
51.0
51.0
VP_2
8916.415
-929.73
51.0
51.0
VP_3
8916.415
-997.73
51.0
51.0
vss!_7
8908.34
-1151.24
73.1
73.1 (die corner, stress relief pad)
vss!_8
8803.79
-1251.455
73.1
73.1 (die corner, stress relief pad)
OUT<369>
8670.0
-1145.46
51.0
51.0
OUT<370>
8602.0
-1145.46
51.0
51.0
OUT<371>
8534.0
-1145.46
51.0
51.0
OUT<372>
8466.0
-1145.46
51.0
51.0
OUT<373>
8398.0
-1145.46
51.0
51.0
OUT<374>
8330.0
-1145.46
51.0
51.0
OUT<375>
8262.0
-1145.46
51.0
51.0
OUT<376>
8194.0
-1145.46
51.0
51.0
OUT<377>
8126.0
-1145.46
51.0
51.0
OUT<378>
8058.0
-1145.46
51.0
51.0
OUT<379>
7990.0
-1145.46
51.0
51.0
OUT<380>
7922.0
-1145.46
51.0
51.0
OUT<381>
7854.0
-1145.46
51.0
51.0
OUT<382>
7786.0
-1145.46
51.0
51.0
OUT<383>
7718.0
-1145.46
51.0
51.0
OUT<384>
7650.0
-1145.46
51.0
51.0
OUT<385>
7582.0
-1145.46
51.0
51.0
OUT<386>
7514.0
-1145.46
51.0
51.0
OUT<387>
7446.0
-1145.46
51.0
51.0
OUT<388>
7378.0
-1145.46
51.0
51.0
OUT<389>
7310.0
-1145.46
51.0
51.0
OUT<390>
7242.0
-1145.46
51.0
51.0
OUT<391>
7174.0
-1145.46
51.0
51.0
OUT<392>
7106.0
-1145.46
51.0
51.0
OUT<393>
7038.0
-1145.46
51.0
51.0
OUT<394>
6970.0
-1145.46
51.0
51.0
OUT<395>
6902.0
-1145.46
51.0
51.0
OUT<396>
6834.0
-1145.46
51.0
51.0
OUT<397>
6766.0
-1145.46
51.0
51.0
OUT<398>
6698.0
-1145.46
51.0
51.0
OUT<399>
6630.0
-1145.46
51.0
51.0
OUT<400>
6562.0
-1145.46
51.0
51.0
OUT<401>
6494.0
-1145.46
51.0
51.0
OUT<402>
6426.0
-1145.46
51.0
51.0
OUT<403>
6358.0
-1145.46
51.0
51.0
OUT<404>
6290.0
-1145.46
51.0
51.0
OUT<405>
6222.0
-1145.46
51.0
51.0
OUT<406>
6154.0
-1145.46
51.0
51.0
OUT<407>
6086.0
-1145.46
51.0
51.0
OUT<408>
6018.0
-1145.46
51.0
51.0
OUT<409>
5950.0
-1145.46
51.0
51.0
OUT<410>
5882.0
-1145.46
51.0
51.0
OUT<411>
5814.0
-1145.46
51.0
51.0
OUT<412>
5746.0
-1145.46
51.0
51.0
OUT<413>
5678.0
-1145.46
51.0
51.0
OUT<414>
5610.0
-1145.46
51.0
51.0
OUT<415>
5542.0
-1145.46
51.0
51.0
OUT<416>
5474.0
-1145.46
51.0
51.0
OUT<417>
5406.0
-1145.46
51.0
51.0
OUT<418>
5338.0
-1145.46
51.0
51.0
OUT<419>
5270.0
-1145.46
51.0
51.0
OUT<420>
5202.0
-1145.46
51.0
51.0
OUT<421>
5134.0
-1145.46
51.0
51.0
OUT<422>
5066.0
-1145.46
51.0
51.0
OUT<423>
4998.0
-1145.46
51.0
51.0
OUT<424>
4930.0
-1145.46
51.0
51.0
OUT<425>
4862.0
-1145.46
51.0
51.0
OUT<426>
4794.0
-1145.46
51.0
51.0
OUT<427>
4726.0
-1145.46
51.0
51.0
OUT<428>
4658.0
-1145.46
51.0
51.0
OUT<429>
4590.0
-1145.46
51.0
51.0
OUT<430>
4522.0
-1145.46
51.0
51.0
OUT<431>
4454.0
-1145.46
51.0
51.0
OUT<432>
4386.0
-1145.46
51.0
51.0
OUT<433>
4318.0
-1145.46
51.0
51.0
OUT<434>
4250.0
-1145.46
51.0
51.0
OUT<435>
4182.0
-1145.46
51.0
51.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27