データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC2G06 データシート(PDF) 8 Page - Diodes Incorporated

部品番号 74LVC2G06
部品情報  DUAL INVERTER WITH OPEN DRAIN OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G06 データシート(HTML) 8 Page - Diodes Incorporated

  74LVC2G06 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
74LVC2G06
DUAL INVERTER WITH OPEN DRAIN OUTPUTS
74LVC2G06
Document number: DS35161 Rev. 3 - 2
8 of 9
www.diodes.com
June 2011
© Diodes Incorporated
Package Outline Dimensions (cont.) (All Dimensions in mm)
(2) Package Type: SOT363
CL
C
L
0.10/0.30
0.65Bsc.
1.8/2.2
"A"
Detail"A"
Gauge Plane
0.25/0.40
CL
CL
CL
6x-0.42
4x-0.65
0.40/0.45
Land Pattern Recommendation
(unit:mm)
PIN 1
(3) Package Type: DFN1010
Bottom View
Side View
6x-
0.05 C
0.08 C
C
Seating Plane
A
0.95/1.05
0.07Typ.
0.08 C
2x-
0.14/0.20(6x)
0.35Typ.
B
0.07
C AB
Pin1
Top View
Land Pattern Recommendation
(unit:mm)
Pin1
0.35Typ.
0.20(6x)
0.235



Html Pages

1 2 3 4 5 6 7 8 9