| データシートサーチシステム |
|
MAX15053_1107 データシート(PDF) 6 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX15053_1107 データシート(HTML) 6 Page - Maxim Integrated Products |
|
6 / 21 page ![]() High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator 6 ______________________________________________________________________________________ Typical Operating Characteristics (continued) (VIN = 5V, VOUT = 1.8V, ILOAD = 2A, Circuit of Figure 5, TA = +25NC, unless otherwise noted.) FB VOLTAGE vs. TEMPERATURE AMBIENT TEMPERATURE ( °C) 80 60 40 20 0 -20 596 598 600 602 604 606 594 -40 NO LOAD RMS INPUT CURRENT vs. INPUT VOLTAGE INPUT VOLTAGE (V) 5.2 4.7 4.2 3.7 3.2 10 20 30 40 50 60 70 80 90 100 0 2.7 SHORT CIRCUIT ON OUTPUT SHORT-CIRCUIT HICCUP MODE MAX15053 toc15 IIN 500mA/div VOUT 1V/div IOUT 5A/div 200 µs/div QUIESCENT CURRENT vs. INPUT VOLTAGE INPUT VOLTAGE (V) 5.2 4.7 4.2 3.7 3.2 10 20 30 40 50 60 70 80 90 100 0 2.7 VEN = 0V SOFT-START WAVEFORMS (SKIP MODE) (IOUT = 2A) MAX15053 toc13b VOUT 1V/div VENABLE 5V/div VPGOOD 5V/div ILX 1A/div 200 µs/div SOFT-START WAVEFORMS (PWM) (IOUT = 2A) MAX15053 toc13a VOUT 1V/div VENABLE 5V/div VPGOOD 5V/div ILX 1A/div 200 µs/div |