| データシートサーチシステム |
|
TMS570LS3137 データシート(PDF) 106 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3137 データシート(HTML) 106 Page - Texas Instruments |
|
106 / 159 page ![]() TMS570LS3137 SPNS162. – SEPTEMBER 2011 www.ti.com 4.21.3 JTAG Identification Code The JTAG ID code for this device is 0x0D8A002F. This is the same as the device ICEPick Identification Code. 4.21.4 Debug ROM The Debug ROM stores the location of the components on the Debug APB bus: Table 4-38. Debug ROM table ADDRESS DESCRIPTION VALUE 0x000 pointer to Cortex-R4F 0x0000 1003 0x001 ETM-R4 0x0000 2003 0x002 TPIU 0x0000 3003 0x003 POM 0x0000 4003 0x004 end of table 0x0000 0000 106 System Information and Electrical Specifications Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback focus.ti.com: TMS570LS3137 |