| データシートサーチシステム |
|
HVLED805 データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED805 データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 29 page ![]() Application information HVLED805 20/29 Doc ID 18077 Rev 1 5.6 Voltage feedforward block The current control structure uses the voltage VC to define the output current, according to (7). Actually, the CC comparator will be affected by an internal propagation delay Td, which will switch off the MOSFET with a peak current than higher the foreseen value. This current overshoot will be equal to: Equation 8 Will introduce an error on the calculated CC setpoint, depending on the input voltage. The HVLED805 implements a Line Feedforward function, which solves the issue by introducing an input voltage dependent offset on the current sense signal, in order to adjust the cycle-by-cycle current limitation. The internal schematic is shown in Figure 17. Figure 16. Constant current operation: Switching cycle waveforms t t t t IP Is Q IC T R C V CLED I − = CLED I IN d P P VT Δ I L ⋅ = |