| データシートサーチシステム |
|
HVLED805 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED805 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() HVLED805 Application information Doc ID 18077 Rev 1 21/29 During MOSFET’s ON-time the current sourced from DMG pin is mirrored inside the “Feedforward Logic” block in order to provide a feedforward current, IFF. Such “feedforward current” is proportional to the input voltage according to the formula: Equation 9 Where m is the primary-to-auxiliary turns ratio. According to the schematic, the voltage on the non-inverting comparator will be: Equation 10 The offset introduced by feedforward compensation will be: Equation 11 As RFF>>RSENSE, the previous one can be simplified as: Equation 12 Figure 17. Feedforward compensation: internal schematic . CC Block Aux Rdmg Rfb IFF Rsense RFF CC Feedforward Logic PWM LOGIC DMG DRAIN SO URCE dmg IN FF R m V I ⋅ = ( ) (-) SENSE D FF FF SENSE V= R I +I R +R ⋅⋅ () SENSE FF dmg IN OFFSET R R R m V V + ⋅ ⋅ = dmg FF IN OFFSET R m R V V ⋅ ⋅ = |