| データシートサーチシステム |
|
STM32F405RG データシート(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405RG データシート(HTML) 83 Page - STMicroelectronics |
|
83 / 154 page ![]() STM32F405xx, STM32F407xx Electrical characteristics Doc ID 022152 Rev 1 83/154 Table 35. Flash memory programming(1) 1. TBD stands for “to be defined”. Symbol Parameter Conditions Min(2) Typ Max(2) 2. Based on characterization, not tested in production. Unit tprog Word programming time Program/erase parallelism (PSIZE) = x 8/16/32 -16 100(3) 3. The maximum programming time is measured after 100K erase operations. µs tERASE16KB Sector (16 KB) erase time Program/erase parallelism (PSIZE) = x 8 - 400 800 ms Program/erase parallelism (PSIZE) = x 16 - 300 600 Program/erase parallelism (PSIZE) = x 32 - 250 500 tERASE64KB Sector (64 KB) erase time Program/erase parallelism (PSIZE) = x 8 - 1200 2400 ms Program/erase parallelism (PSIZE) = x 16 - 700 1400 Program/erase parallelism (PSIZE) = x 32 - 550 1100 tERASE128KB Sector (128 KB) erase time Program/erase parallelism (PSIZE) = x 8 -2 4 s Program/erase parallelism (PSIZE) = x 16 -1.3 2.6 Program/erase parallelism (PSIZE) = x 32 -1 2 tME Mass erase time Program/erase parallelism (PSIZE) = x 8 -16 TBD s Program/erase parallelism (PSIZE) = x 16 -11 TBD Program/erase parallelism (PSIZE) = x 32 -8 TBD Vprog Programming voltage 32-bit program operation 2.7 - 3.6 V 16-bit program operation 2.1 - 3.6 V 8-bit program operation 1.8 - 3.6 V |