データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRS2113MPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRS2113MPBF
部品情報  HIGH- AND LOW-SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRS2113MPBF データシート(HTML) 2 Page - International Rectifier

  IRS2113MPBF Datasheet HTML 1Page - International Rectifier IRS2113MPBF Datasheet HTML 2Page - International Rectifier IRS2113MPBF Datasheet HTML 3Page - International Rectifier IRS2113MPBF Datasheet HTML 4Page - International Rectifier IRS2113MPBF Datasheet HTML 5Page - International Rectifier IRS2113MPBF Datasheet HTML 6Page - International Rectifier IRS2113MPBF Datasheet HTML 7Page - International Rectifier IRS2113MPBF Datasheet HTML 8Page - International Rectifier IRS2113MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IRS2113MPBF
www.irf.com
© 2008 International Rectifier
2
Qualification Information
†
Industrial
††
(per JEDEC JESD 47)
Qualification Level
Comments: This IC has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Moisture Sensitivity Level
MLPQ4x4 14L
MSL2
†††
(per IPC/JEDEC J-STD-
020)
Machine Model
Class A (+/-200V)
(per JEDEC standard JESD22-A115)
Human Body Model
Class 1B (+/-1000V)
(per EIA/JEDEC standard EIA/JESD22-A114)
ESD
Charged Device Model
Class III (+/-1000V)
(per JEDEC standard JESD22-C101)
IC Latch-Up Test
Class II, Level A
(per JESD78A)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please
contact your International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact
your International Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com