データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRS2113MPBF データシート(PDF) 3 Page - International Rectifier

部品番号 IRS2113MPBF
部品情報  HIGH- AND LOW-SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRS2113MPBF データシート(HTML) 3 Page - International Rectifier

  IRS2113MPBF Datasheet HTML 1Page - International Rectifier IRS2113MPBF Datasheet HTML 2Page - International Rectifier IRS2113MPBF Datasheet HTML 3Page - International Rectifier IRS2113MPBF Datasheet HTML 4Page - International Rectifier IRS2113MPBF Datasheet HTML 5Page - International Rectifier IRS2113MPBF Datasheet HTML 6Page - International Rectifier IRS2113MPBF Datasheet HTML 7Page - International Rectifier IRS2113MPBF Datasheet HTML 8Page - International Rectifier IRS2113MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IRS2113MPBF
www.irf.com
© 2008 International Rectifier
3
Recommended Operating Conditions
The input/output logic timing diagram is shown in Figure 1. For proper operation the device should be
used within the recommended conditions. The VS and VSS offset rating are tested with all supplies biased
at 15 V differential.
†
Logic operational for VS of -4 V to +500 V. Logic state held for VS of -4 V to – VBS.
(Please refer to the Design Tip DT97 -3 for more details).
†† When VDD < 5 V, the minimum VSS offset is limited to –VDD.
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply voltage
-0.3
625
VS
High-side floating supply offset voltage
VB - 20
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side fixed supply voltage
-0.3
25
VLO
Low-side output voltage
-0.3
VCC + 0.3
VDD
Logic supply voltage
-0.3
VSS + 20 (†)
VSS
Logic supply offset voltage
VCC - 20
VCC + 0.3
VIN
Logic input voltage (HIN, LIN & SD)
VSS -0.3
VDD + 0.3
V
dVS/dt
Allowable offset supply voltage transient (Fig. 2)
—
50
V/ns
PD
Package power dissipation @ TA ≤ 25°C
—
2.08
W
RthJA
Thermal resistance, junction to ambient
—
36
°C/W
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C
† All supplies are fully tested at 25 V, and an internal 20 V clamp exists for each supply.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply absolute voltage
VS +10
VS +20
VS
High-side floating supply offset voltage
†
600
VHO
High-side floating output voltage
VS
VB
VCC
Low-side fixed supply voltage
10
20
VLO
Low-side output voltage
0
VCC
VDD
Logic supply voltage
VSS + 3
VSS + 20
VSS
Logic ground offset voltage
-5 (††)
5
VIN
Logic input voltage (HIN, LIN & SD)
VSS
VDD
V
TA
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com