| データシートサーチシステム |
|
SMT80C2 データシート(PDF) 18 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
SMT80C2 データシート(HTML) 18 Page - Emerson Network Power |
|
18 / 20 page ![]() Rev. 04.25.11 SIL/SMT80C2 18 of 20 Embedded Power for Business-Critical Continuity Technical Reference Note MechanicalDrawings SMT80C-00SADJ-VJ Footprint .050 1.27 .100 TYP 2.54 21 PLACES 2.300 58.42 .040 1.02 8 8 7 6 5 4 3 2 1 ARTESYN TECHNOLOGIES PROJECTION DATE .015 1 .005 M. HENNIES M. HENNIES 22JUN06 22JUN06 DETACHED LIST D C 7 B A A B C D SCALE: 3 = 2 SIZE CAD FILE: DWG. NO. B SHEET 1 OF 2 TLA DRAWING APPROVALS DRAWN ENGINEER UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES TOLERANCES: 2 PLACE 3 PLACE ANGLES .03 MATERIAL EDEN PRAIRIE, MN 55433 6 PH. 952-941-1100 REV. PROJECT USED ON: 7091259-0300 TITLE: A ANGLE FINISH - - 1 UPPERCUT 80 THIRD 2 3 4 5 HOLE TOLERANCE: 7001259-J300 APPLY LIQUI-BOND BETWEEN HEATSINK AND PCB. ADJUST APPLICATION STENCIL TO KEEP EXCESS LIQUI-BOND TO A MINIMUM .050 (23X) TYP 1.27 2.400 60.96 .040 TYP 1.02 (2X) 1.315 33.40 2.480 62.99 DETAIL A .280 7.11 .065 1.65 NOTE: OUTSIDE SUPPORT IS HIDDEN TO SHOW PIN DIMENSIONS. A .062 1.57 REF REF .110 2.79 17.20 .677 .610 REF 15.49 PART NUMBER REV DESCRIPTION DRAFT DATE 7091259-0300 A RELEASE TO PRODUCTION M. HENNIES 03/06/07 REVISION RECORD Pin 1 00 .040 1.02 .135 3.43 .140 3.56 .155 3.94 .217 5.51 .440 11.18 .445 11.30 .670 17.02 .752 19.10 REV. TITLE: 7091259-0300 D C B A A B C D SIZE DWG. NO. B SHEET 2 OF 2 FOOTPRINT 1 2 3 4 5 6 7 8 8 7 6 5 4 32 1 A PCB OUTLINE KEEP OUT AREA .300X.040" (23X) SMT PAD VERT SMT STAND OUTLINE FOOTPRINT |