| データシートサーチシステム |
|
SMT80C2 データシート(PDF) 19 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
SMT80C2 データシート(HTML) 19 Page - Emerson Network Power |
|
19 / 20 page ![]() Rev. 04.25.11 SIL/SMT80C2 19 of 20 Embedded Power for Business-Critical Continuity Technical Reference Note MechanicalDrawings(cont'd) SMT80C2-00SADJ-J Footprint .050 1.27 .100 TYP 2.54 21 PLACES 2.300 58.42 .040 1.02 2.320 58.93 2X 1.160 29.46 22JUN06 DETACHED LIST 7001259-J200 D C B A A B C D SCALE: 3 = 2 SIZE CAD FILE: DWG. NO. B SHEET 1 OF 2 TLA DRAWING APPROVALS DRAWN ENGINEER UNLESS OTHERWISE SPECIFIED THIRD DIMENSIONS ARE IN INCHES TOLERANCES: 2 PLACE 3 PLACE ANGLES .03 MATERIAL FINISH - - 1 2 3 4 5 6 7 8 8 7 6 5 4 3 PH. 952-941-1100 REV. PROJECT USED ON: 7091259-0200 TITLE: HOLE TOLERANCE: 2 1 ARTESYN TECHNOLOGIES EDEN PRAIRIE, MN 55433 PROJECTION A UPPERCUT 80 ANGLE DATE .015 1 .005 M. HENNIES M. HENNIES 22JUN06 NOTE: 1. 9300161-0000 PACKAGING AND MATERIAL HANDLING PROCEDURE. 2. COSMETIC AND WORKMANSHIP PER 9300152-0000. 3. LABELS SHOWN FOR PLACEMENT REFERENCE ONLY. 2.400 60.96 31.75 1.250 TYP 1.27 .050 (23X) .040 TYP 1.02 (2X) APPLY LIQUI-BOND BETWEEN HEATSINK AND PCB. ADJUST APPLICATION STENCIL TO KEEP EXCESS LIQUI-BOND TO A MINIMUM 1.57 .062 REF REF .110 2.79 .710[18.03] MAX .125 3.18 PART NUMBER REV DESCRIPTION DRAFT DATE 7091259-0200 A RELEASE TO PRODUCTION M. HENNIES 03/06/07 REVISION RECORD Pin 1 00 .020 0.51 .040 1.02 1.195 30.35 1.270 32.26 1.290 32.77 FOOTPRINT D C B A A B C D SIZE DWG. NO. B SHEET 2 OF 2 FOOTPRINT 1 2 3 4 5 6 7 8 8 7 6 5 4 32 1 REV. TITLE: 7091259-0200 A KEEP OUT AREA PCB OUTLINE SMT PAD .045X.070" (25X) |