データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLM データシート(PDF) 32 Page - ITT Industries

部品番号 DLM
部品情報  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM データシート(HTML) 32 Page - ITT Industries

Back Button DLM Datasheet HTML 28Page - ITT Industries DLM Datasheet HTML 29Page - ITT Industries DLM Datasheet HTML 30Page - ITT Industries DLM Datasheet HTML 31Page - ITT Industries DLM Datasheet HTML 32Page - ITT Industries DLM Datasheet HTML 33Page - ITT Industries DLM Datasheet HTML 34Page - ITT Industries DLM Datasheet HTML 35Page - ITT Industries DLM Datasheet HTML 36Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
31
ZIF Connectors
DLM3
DLM3 — Metal Body — 60 Pin Connectors — Square Post Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
A
112138-0001
DLM3-60PW4A
15,37 (.605)
112138-0000
DLM3-60PW6A
7,11 (.280)
112138-0002
DLM112138-2
3,18 (.125)
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Part Number
Nomenclature
A
112139-0001
DLM3-60RW4B
15,37 (.605)
112139-0000
DLM3-60RW6B
7,11 (.280)
112139-0002
DLM112139-2
3,18 (.125)
2X Ø 2,30
(.091)
50,55 (1.992)
65,80 (2.592)
24,90 (.981)
4X Ø 3,20
(.126)
11,89 (.468)
57,91 (2.280)
7,92 (.312)
6,35
(.250)
74,75
(2.945)
34,20
(1.347)
27,75
(1.093)
0,64 (.025)
A
CAMSHAFT
TURNING DIRECTION
4 SPACES @ 2,54 (.100)
= 10,16 (.400)
4 SPACES @ 2,54 (.100)
= 10,16 (.400)
49,02 (1.931)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
19,94
(.785)
2X Ø 2,30
(.091)
50,55 (1.992)
65,80 (2.592)
24,90 (.981)
11,89 (.468)
4X Ø 3,20
(.126)
57,91 (2.280)
7,75 (.305)
6,35
(.250)
25,20
(.992)
0,64 (.025)
A
4 SPACES @ 2,54 (.100)
= 10,16 (.400)
4 SPACES @ 2,54 (.100)
= 10,16 (.400)
49,02 (1.931)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
19,94
(.785)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76