| データシートサーチシステム |
|
DLM データシート(PDF) 71 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLM データシート(HTML) 71 Page - ITT Industries |
|
71 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 70 ZIF Connectors DLD DLD Drawer — Assembly Dimensions DLD DLD Drawer Receptacle DLD Assembly Dimensions Shell Size Contact Type A REF B REF DLD1 Crimp 46,86 (1.845) 31,75 (1.250) DLD1 Square Post 57,03 (2.245) 41,91 (1.650) DLD2 Crimp 46,86 (1.845) 31,75 (1.250) DLD2 Square Post 57,03 (2.245) 41,91 (1.650) DLD Drawer — Mating Sequence Figure 1 Contacts aligned. Figure 2 Contacts engaged. Figure 3 Contacts mated. The DLD Drawer features ZIF assembly for greater contact life and eliminates the rod normally used in such products. Panel Open No Interface: No Electrical Contact Compression Spring Open Panel Open Interface Complete: No Electrical Contact Compression Spring Open Panel Closed Interface Complete: Electrical Contact Complete Compression Spring Closed |