データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DL4 データシート(PDF) 48 Page - ITT Industries

部品番号 DL4
部品情報  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

DL4 データシート(HTML) 48 Page - ITT Industries

Back Button DL4 Datasheet HTML 44Page - ITT Industries DL4 Datasheet HTML 45Page - ITT Industries DL4 Datasheet HTML 46Page - ITT Industries DL4 Datasheet HTML 47Page - ITT Industries DL4 Datasheet HTML 48Page - ITT Industries DL4 Datasheet HTML 49Page - ITT Industries DL4 Datasheet HTML 50Page - ITT Industries DL4 Datasheet HTML 51Page - ITT Industries DL4 Datasheet HTML 52Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
47
ZIF Connectors
Accessories
Actuating Handle Kit
DL1/2/3 & DLM1/2/3
Provides a convenient method of actuating the
contacts and cam for locking the connector.
Kit provides actuating handle and attaching
screw.
Pointer on handle denotes ‘‘locked’’ and
‘‘open’’ positions.
DL5, DLM5
Handle Material: Glass-filled thermoplastic
DLM6
Handle for:
Part Number
DL1/2/3, DLM1/2/3
204-0016-000
DL5, DLM5
204-4501-000
DLM6
204-4500-000
Protective Covers
Protective Covers – Rubber
Fits snugly over mating faces.
Prevents foreign matter from permeating
contact cavities.
Material: Anti-static synthetic rubber –
ASTM2BC520A14B14Z1.
DL, DLM Plug
Description
Part Number
DL1-156P
039-0242-000
DL2-96P
039-0244-000
DL3-60P
039-0246-000
DL4-624P
039-0239-000
DL4-1248P
039-0235-000
DL4-2496P
039-0237-000
DL, DLM Receptacle
Description
Part Number
DL1-156R
039-0243-000
DL2-96R
039-0245-000
DL3-60R
039-0247-000
DL4-624R
039-0240-000
DL4-1248R
039-0236-000
DL4-2496R
039-0238-000
Protective Covers – Plastic
Fits snugly over mating faces.
Prevents foreign matter from permeating
contact cavities.
Material: Polyethylene.
DL, DLM Plug
Description
Part Number
DL1-156P
025-0852-000
DL2-96P
025-0857-000
DL3-60P
025-0850-000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76