データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5113 データシート(PDF) 5 Page - Analog Devices

部品番号 AD5113
部品情報  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5113 データシート(HTML) 5 Page - Analog Devices

  AD5113 Datasheet HTML 1Page - Analog Devices AD5113 Datasheet HTML 2Page - Analog Devices AD5113 Datasheet HTML 3Page - Analog Devices AD5113 Datasheet HTML 4Page - Analog Devices AD5113 Datasheet HTML 5Page - Analog Devices AD5113 Datasheet HTML 6Page - Analog Devices AD5113 Datasheet HTML 7Page - Analog Devices AD5113 Datasheet HTML 8Page - Analog Devices AD5113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD5116
Rev. 0 | Page 5 of 16
INTERFACE TIMING SPECIFICATIONS
VDD = 2.3 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Description
t1
8
ms
Debounce time
t2
1
sec
Manual to auto scan time
t3
140
ms
Auto scan step
t4
ASE = 0 V, PD = GND, PU = GND
1
sec
Auto save execute time
t5
ASE = VDD
8
ms
Low pulse time to manual storage
tEEPROM_PROGRAM1
15
50
ms
Memory program time
tPOWER_UP2
50
μs
Power-on EEPROM restore time
1 EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at a lower temperature and higher write cycles.
2 Maximum time after VDD is equal to 2.3 V.
TIMING DIAGRAMS
PU
RW
t1
PD (LOW)
Figure 2. Manual Increment Mode Timing
PU
t1
t2
t3
PD (LOW)
RW
Figure 3. Auto Increment Mode Timing
PD
t1
t4
EEPROM
DATA
NEW DATA
tEEPROM
PROGRAM
RW
ASE (LOW)
Figure 4. Auto Save Mode Timing
PD/PU (LOW)
t5
EEPROM
DATA
NEW DATA
tEEPROM
PROGRAM
ASE
Figure 5. Manual Save Mode Timing
PD
t1
RW
RW = 45Ω
ASE
Figure 6. End Scale Indication Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com