データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5113 データシート(PDF) 16 Page - Analog Devices

部品番号 AD5113
部品情報  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5113 データシート(HTML) 16 Page - Analog Devices

Back Button AD5113 Datasheet HTML 8Page - Analog Devices AD5113 Datasheet HTML 9Page - Analog Devices AD5113 Datasheet HTML 10Page - Analog Devices AD5113 Datasheet HTML 11Page - Analog Devices AD5113 Datasheet HTML 12Page - Analog Devices AD5113 Datasheet HTML 13Page - Analog Devices AD5113 Datasheet HTML 14Page - Analog Devices AD5113 Datasheet HTML 15Page - Analog Devices AD5113 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD5116
Data Sheet
Rev. 0 | Page 16 of 16
OUTLINE DIMENSIONS
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
2.00
BSC SQ
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.175 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 46. 8-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2.00 mm × 2.00 mm Body, Ultra Thin, Dual Lead
(CP-8-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (kΩ)
Resolution
Temperature Range
Package Description
Package Option
Branding Code
AD5116BCPZ5-RL7
5
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7G
AD5116BCPZ5-500R7
5
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7G
AD5116BCPZ10-RL7
10
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7F
AD5116BCPZ10-500R7
10
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7F
AD5116BCPZ80-RL7
80
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7H
AD5116BCPZ80-500R7
80
64
−40°C to +125°C
8-Lead LFCSP_UD
CP-8-10
7H
EVAL-AD5116SDZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09657-0-10/11(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com