| データシートサーチシステム |
|
HT83B60 データシート(PDF) 49 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83B60 データシート(HTML) 49 Page - Holtek Semiconductor Inc |
|
49 / 84 page ![]() Rev. 1.00 48 De�e��e� 1�� �011 Rev. 1.00 4� De�e��e� 1�� �011 HT83B60 Voice Mask MCU HT83B60 Voice Mask MCU SCSA SCKA SDOA SDIA �1 �� �3 0 1 � 3 0 1 � 3 4 5 6 7 8 � 10 �8 �� 30 31 3� 33 34 35 36 37 38 3� �4-Bit Address Command 0 1 � 3 5 6 7 4 Data Out � Data Out 1 MSB MSB Hign-Z 03 7 READ Command Procedure Timing Diagram FAST_READ Command TheFAST_READcommandprovidesahigherspeedtoaccesstheVoiceROMdata.Theaddress islatchedontherisingedgeoftheSPIclockpin,namelySCKA,andeachbitofthedatawillbe shiftedoutonthefallingedgeofSCKA.Thefirstaddressbytecanpointtoanylocationinthevoice ROM.Theaddressisautomaticallyincrementedtothenextaddressaftereachbytedataisshifted out,sothewholememorycanbereadoutbyasingleFAST_READcommand.Theaddresswill rolloverto0whenthehighestaddresshasbeenreached.Theaccompanyingflowchartanddiagram illustratetheFAST_READdatainstructionsettingprocedureandthetimingdiagram. Clear SCSAB pin =0 Send FAST_READ command code= 0BH to SDOA pin Send 3 bytes address to SDOA pin Send 1 byte dummy byte address to SDOA pin Set SCSAB pin=1 FAST_READ Command Procedure End Read data on SDIA pin FAST_READ Command Procedure |