| データシートサーチシステム |
|
C511 データシート(PDF) 20 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
C511 データシート(HTML) 20 Page - Siemens Semiconductor Group |
|
20 / 43 page ![]() Semiconductor Group 20 C511 / C513 F8H SCF XXXX- XX00B – – – – – – WCOL TC F9H SCIEN XXXX- XX00B –––––– WCEN TCEN 1) X means that the value is indeterminate and the location is reserved. 2) The availability of the XMAP bit and the reset value of SYSCON depends on the specific microcontroller : C511/C511A/C513 : 101X0XXXB - bit XMAP is not available C513A/C513A-H : 101X0XX0B - bit XMAP is available 3) This register ist only used for test purposes and must not be written. Otherwise unpredictable results may occur. Shaded registers are bit-addressable special function registers. Table 6 Contents of the SFRs, SFRs in Numeric Order of their Addresses (cont’d) Addr Register Content after Reset 1) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |