データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C511 データシート(PDF) 4 Page - Siemens Semiconductor Group

部品番号 C511
部品情報  8-Bit CMOS Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 データシート(HTML) 4 Page - Siemens Semiconductor Group

  C511 Datasheet HTML 1Page - Siemens Semiconductor Group C511 Datasheet HTML 2Page - Siemens Semiconductor Group C511 Datasheet HTML 3Page - Siemens Semiconductor Group C511 Datasheet HTML 4Page - Siemens Semiconductor Group C511 Datasheet HTML 5Page - Siemens Semiconductor Group C511 Datasheet HTML 6Page - Siemens Semiconductor Group C511 Datasheet HTML 7Page - Siemens Semiconductor Group C511 Datasheet HTML 8Page - Siemens Semiconductor Group C511 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Semiconductor Group
4
C511 / C513
The C511, C511A, C513, C513A, and C513A-H are members of a family of low cost micro-
controllers, which are software compatible with the components of the SAB 8051, SAB 80C51 and
C500 families.
The first four versions contains a non-volatile read-only (ROM) program memory. The C513A-H is
a version with a 12 Kbyte EEPROM instead of ROM. This device can be used for prototype designs
which have a demand for reprogrammable on-chip code memory.
The members of the microcontroller family differ in functionality according table 1. They offer
different ROM sizes, different RAM/XRAM sizes and a different timer/USART configuration.
Common to all devices is an advanced SSC serial port, a second synchronous serial interface,
which is compatible to the SPI serial bus industry standard. The functionality of the C513A-H is a
superset of all ROM versions of the C511/C513 family.
Table 1
Functionality of the C511/C513 MCUs
1) T0/T1 refers to the standard 8051 timer 0/1 units, T2 refers to the 8052 timer 2 unit.
Figure 1
C511/513 Logic Symbol
Device
ROM Size
EEPROM
Size
RAM
Size
XRAM
Size
Timers 1)
USART
SSC
C511
2.5 KB
128 B
T0, T1

C511A
4 KB
256 B
T0, T1

C513
8 KB
256 B
T0, T1, T2

C513A
12, 16 KB
256 B
256 B
T0, T1, T2

C513A-H
12 KB
256 B
256 B
T0, T1, T2




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43