| データシートサーチシステム |
|
R5F10RF8AFP データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10RF8AFP データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 76 page ![]() RL78/L12 1. OUTLINE Page 7 of 73 R01DS0157EJ0001 Rev.0.01 2012.02.20 Under development Preliminary document Specifications in this document are tentative and subject to change. 1.3.5 64-pin products • 64-pin plastic WQFN (8 × 8) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 P21/ANI1/AVREFM P20/ANI0/AVREFP P130 P147/SEG38 P146/SEG37 P145/ANI23/SEG36 P144/ANI22/SEG35 P143/ANI21/SEG34 P142/ANI20/SEG33 P14/ANI19/SEG32 P13/ANI18/SEG31 P12/SO00/TxD0/TOOLTxD/SEG30 P11/SI00/RxD0/TOOLRxD/SEG29 P10/SCK00/SEG28 P140/TO00/PCLBUZ0/SEG27/(INTP6) P141/TI00/PCLBUZ1/SEG26/(INTP7) P74/SEG12 P73/KR3/SEG13 P72/KR2/SEG14 P71/KR1/SEG15 P70/KR0/SEG16 P32/TI03/TO03/INTP4/SEG17 P31/INTP3/RTC1HZ/SEG18 P30/TI01/TO01/SEG19 P125/VL3 VL4 VL2 VL1 P126/CAPL P127/CAPH P61/SDAA0/SEG20 P60/SCLA0/SEG21 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 exposed die pad Cautions 1. Make EVSS pin the same potential as VSS pin. 2. Make VDD pin the potential that is higher than EVDD pin. 3. Connect the REGC pin to Vss via a capacitor (0.47 to 1 μF). Remarks 1. For pin identification, see 1.4 Pin Identification. 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced, it is recommended to supply separate powers to the VDD and EVDD pins and connect the VSS and EVSS pins to separate ground lines. 3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register (PIOR) |