| データシートサーチシステム |
|
ADP1046ACPZ-R7 データシート(PDF) 86 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1046ACPZ-R7 データシート(HTML) 86 Page - Analog Devices |
|
86 / 96 page ![]() ADP1046 Data Sheet Rev. 0 | Page 86 of 96 Table 146. Register 0x94—EEPROM_DATA_09 Bits Bit Name Type Description Variable EEPROM_DATA_09 Block read/ write Block read or write from the EEPROM main block, Page 9. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 147. Register 0x95—EEPROM_DATA_10 Bits Bit Name Type Description Variable EEPROM_DATA_10 Block read/ write Block read or write from the EEPROM main block, Page 10. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 148. Register 0x96—EEPROM_DATA_11 Bits Bit Name Type Description Variable EEPROM_DATA_11 Block read/ write Block read or write from the EEPROM main block, Page 11. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 149. Register 0x97—EEPROM_DATA_12 Bits Bit Name Type Description Variable EEPROM_DATA_12 Block read/ write Block read or write from the EEPROM main block, Page 12. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 150. Register 0x98—EEPROM_DATA_13 Bits Bit Name Type Description Variable EEPROM_DATA_13 Block read/ write Block read or write from the EEPROM main block, Page 13. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 151. Register 0x99—EEPROM_DATA_14 Bits Bit Name Type Description Variable EEPROM_DATA_14 Block read/ write Block read or write from the EEPROM main block, Page 14. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. Table 152. Register 0x9A—EEPROM_DATA_15 Bits Bit Name Type Description Variable EEPROM_DATA_15 Block read/ write Block read or write from the EEPROM main block, Page 15. To write to this page, the EEPROM must first be unlocked. This page is available to the user for storing data. |