| データシートサーチシステム |
|
DM9302 データシート(PDF) 59 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9302 データシート(HTML) 59 Page - Davicom Semiconductor, Inc. |
|
59 / 64 page ![]() DM9302 10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus Preliminary datasheet 59 DM9302-15-DS-P01 July 30, 2009 10.4 AC characteristics 10.4.1 Power On Reset Timing PWRST# Strap pins T2 T1 EECS T3 T4 T5 CS# Symbol Parameter Min. Typ. Max. Unit Conditions T1 PWRST# Low Period 1 - - ms - T2 Strap pin hold time with PWRST# 40 - - ns - T3 PWRST# high to EECS high - 5 - us - T4 PWRST# high to EECS burst end - -- 4 ms - T5 PWRST# high to CS# available -- 400 -- us - |