データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT45FM2C データシート(PDF) 9 Page - Holtek Semiconductor Inc

部品番号 HT45FM2C
部品情報  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C データシート(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 5Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 6Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 7Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 8Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 9Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 10Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 171 page
background image
Rev. 1.10
8
�a� �0� �01�
Rev. 1.10
9
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Pin Assignment
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
PA 4/ AN 4/ FH 0_ SA T/ TC K3
PB 3/ Is
VSS/ A VSS
VD D/ AV DD
PB 2/ RX _I N /IN T1 /T P 2_0
PB 0
PC 0/ GA T
PC 1/ GA B
PC 2/ GB T
PC 3/ GB B
PC 4/ GC T
PC 5/ GC B
PA 0/ AN 0 /IN T0 A
PA 1/ AN 1 /IN T0 B
PA 2/ AN 2/ IN T0 C
PA 3/ AN 3/ TC K5
16-pin NSOP
PA5/AN5/FH0_SBT/TP3_1
PD1/FH1_SBT/TP1_1
�8
�7
�6
�5
�4
��
��
�1
�0
19
18
17
16
15
1
�
�
4
5
6
7
8
9
10
11
1�
1�
14
PA3/AN3/TCK5
PA4/AN4/FH0_SAT/TCK3
PA7/AN7/FH0_RI/TCK1
PA6/AN6/FH0_LI/TP3_0
PB3/Is
VSS/AVSS
VDD/AVDD
PB2/RX_IN/INT1/TP2_0
PB1/TP2_1
PB0
PC0/GAT
PC1/GAB
PC2/GBT
PC3/GBB
PC4/GCT
PC5/GCB
PD0/FH1_SAT/TP0_1
PB7/TCK0
PB6/TP0_0
PB5/TP1_0
PB4/TCK2
PC6/Fault/TP5_0
PC7/Pause/TP5_1
PA0/AN0/INT0A
PA1/AN1/INT0B
PA2/AN2/INT0C
28-pin SOP-A/28-pin SKDIP-A
PA5/AN5/FH0_SBT/TP3_1
PD1/FH1_SBT/TP1_1
�8
�7
�6
�5
�4
��
��
�1
�0
19
18
17
16
15
1
�
�
4
5
6
7
8
9
10
11
1�
1�
14
PA3/AN3/TCK5
PA4/AN4/FH0_SAT/TCK3
PA7/AN7/FH0_RI/TCK1
PA6/AN6/FH0_LI/TP3_0
PB3/Is
VSS/AVSS
VDD/AVDD
PB2/RX_IN/INT1/TP2_0
PB1/TP2_1
PB0
PC0/GAT
PC1/GAB
PC2/GBT
PC3/GBB
PC4/GCT
PC5/GCB
PD0/FH1_SAT/TP0_1
PB7/TCK0
PB6/TP0_0
PB5/TP1_0
PB4/TCK2
PC6/Fault/TP5_0
PC7/Pause/TP5_1
PA0/AN0/INT0A
PA1/AN1/INT0B
PA2/AN2/INT0C
28-pin SSOP-A