| データシートサーチシステム |
|
AS8650A データシート(PDF) 13 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8650A データシート(HTML) 13 Page - ams AG |
|
13 / 46 page ![]() www.austriamicrosystems.com/AS8650 Revision 2.0 13 - 46 AS8650A Datasheet - Electrical Character i s t ics 6.5 Undervoltage Detection 6.6 Digital Timing Specification SPI Protocol. Table 12. Undervoltage Detection Symbol Parameter Conditions Min Typ Max Units VSUP_POR VSUP Power on Reset threshold on Rising edge of VSUP 5.09 5.5 5.91 V VSUP_RESET VSUP Power on Reset threshold off (Master Reset for Device) 4.49 4.85 5.21 V VSUP_POKTH VSUP undervoltage threshold off VSUP rising edge. (Brown out reset threshold) 4.95 5.35 5.75 V VSUP_UVTH VSUP undervoltage threshold on (CAN bus in recessive state) VSUP falling edge. (Brown out reset threshold) 4.625 5.0 5.375 V V5V_POKTH V5V undervoltage threshold off Rising edge of V5V 4.16 4.5 4.84 V V5V_UVTH V5V undervoltage threshold on Falling edge of V5V 3.8 4.1 4.4 V VLDO_POKTH LDO undervoltage threshold off (VLDO1, VLDO2 and VLDO3) Percent value is with respect to LDO output. Rising edge of LDO 87 89 91 % VLDO_UVTH LDO undervoltage threshold on (VLDO1, VLDO2 and VLDO3) Percent value is with respect to LDO output. Falling edge of LDO 78 80 82 % trr Spike filter on VLDO1 To remove disturbance 2 4 8 µs tRes Reset delay time 48 12 ms Table 13. SPI Timing Parameters Symbol Parameter Conditions Min Typ Max Units General BRSPI Bit rate 1 Mbps TSCLKH Clock high time 500 ns TSCLKL Clock low time 500 ns Write Operation Parameters tDIS Data in setup time 20 ns tDIH Data in hold time 10 ns TCSH CS hold time 40 ns Read Operation Parameters tDOD Data out delay 80 ns tDOHZ Data out to high impedance delay Time for the SPI to release the SDO bus 80 ns Timing Parameters for SCLK Polarity Identification tCPS Clock setup time (CLK polarity) Setup time of SCLK with respect to CS falling edge 20 ns tCPHD Clock hold time (CLK polarity) Hold time of SCLK with respect to CS falling edge 20 ns |