データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8650A データシート(PDF) 21 Page - ams AG

部品番号 AS8650A
部品情報  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS8650A データシート(HTML) 21 Page - ams AG

Back Button AS8650A Datasheet HTML 17Page - ams AG AS8650A Datasheet HTML 18Page - ams AG AS8650A Datasheet HTML 19Page - ams AG AS8650A Datasheet HTML 20Page - ams AG AS8650A Datasheet HTML 21Page - ams AG AS8650A Datasheet HTML 22Page - ams AG AS8650A Datasheet HTML 23Page - ams AG AS8650A Datasheet HTML 24Page - ams AG AS8650A Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 2.0
21 - 46
AS8650A
Datasheet - Detailed Descr i p ti on
The power initialization sequence diagram is shown in Figure 6.

After activating the power supply on VSUP pin, the VSUP_POR_RESET flag becomes inactive (high) while the voltage exceeds the
VSUP_POR threshold.

The DCDC output voltage V5V exceeds the V5V_POKTH thresholds after the DCDC settling time and the first voltage regulator (LDO1) will
be activated with the V5V_POK set.

If the voltage output at LDO1 (set to 2.5V on power-up) reaches the VLDO1_POKTH threshold, the PORN_2_OTP flag is set and OTP
register setting for the LDO1 is read. Consequently the output voltage will be regulated to the actual OTP settings.

The initialization phase of the device is terminated after the preset output voltage level threshold is exceeded and the reset timeout is
expired.

After entering Standby mode the host controller can switch the device in any operation mode through the I²C or SPI interface.
Figure 6. Initialization Sequence
VSUP
VSUP_POR_RESET
PORN_2_OTP
LOAD_OTP_IN_
PREREG
RESET
VLDO1_POKTH
VSUP_POR
Tres = Reset Timeout
6 Cycles of
RC- Oscillator
V5V
V5V_POK
VLDO1
VLDO1_RESET
STANDBY
MODE
INITIALIZATION
DEVICE
STATE
NORMAL MODE
STARTUP
WATCHDOG
VLDO2
VLDO3
INTN
V5V_POKTH
VLDO2_POKTH
VLDO3_POKTH
Tstno = Standby to Normal mode time
Start-up watchdog
disabled by default
VLDO1_POKTH
Host Command
Tpost = Power-up to Standby mode time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46