| データシートサーチシステム |
|
MPC8569E データシート(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8569E データシート(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 127 page ![]() Pinout List MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1 Freescale Semiconductor 25 VDD P18 1.0-V/1.1-V core power supply VDD — VDD R13 1.0-V/1.1-V core power supply VDD — VDD R15 1.0-V/1.1-V core power supply VDD — VDD R17 1.0-V/1.1-V core power supply VDD — VDD R19 1.0-V/1.1-V core power supply VDD — VDD T12 1.0-V/1.1-V core power supply VDD — VDD T14 1.0-V/1.1-V core power supply VDD — VDD T16 1.0-V/1.1-V core power supply VDD — VDD T18 1.0-V/1.1-V core power supply VDD — VDD U13 1.0-V/1.1-V core power supply VDD — VDD U15 1.0-V/1.1-V core power supply VDD — VDD U17 1.0-V/1.1-V core power supply VDD — VDD U19 1.0-V/1.1-V core power supply VDD — VDD V12 1.0-V/1.1-V core power supply VDD — VDD V14 1.0-V/1.1-V core power supply VDD — VDD V16 1.0-V/1.1-V core power supply VDD — VDD V18 1.0-V/1.1-V core power supply VDD — VDD W13 1.0-V/1.1-V core power supply VDD — VDD W15 1.0-V/1.1-V core power supply VDD — VDD W17 1.0-V/1.1-V core power supply VDD — VDD W19 1.0-V/1.1-V core power supply VDD — Table 1. MPC8569E Pinout Listing (continued) Signal1 Package Pin Number Pin Type Power Supply Note |