| データシートサーチシステム |
|
MPC8569E データシート(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8569E データシート(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 127 page ![]() Pinout List MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1 Freescale Semiconductor 27 GVDD B22 1.8-/1.5-V DDR power supply GVDD — GVDD B26 1.8-/1.5-V DDR power supply GVDD — GVDD B5 1.8-/1.5-V DDR power supply GVDD — GVDD B8 1.8-/1.5-V DDR power supply GVDD — GVDD C3 1.8-/1.5-V DDR power supply GVDD — GVDD D1 1.8-/1.5-V DDR power supply GVDD — GVDD D10 1.8-/1.5-V DDR power supply GVDD — GVDD D15 1.8-/1.5-V DDR power supply GVDD — GVDD D18 1.8-/1.5-V DDR power supply GVDD — GVDD D24 1.8-/1.5-V DDR power supply GVDD — GVDD D27 1.8-/1.5-V DDR power supply GVDD — GVDD D4 1.8-/1.5-V DDR power supply GVDD — GVDD E12 1.8-/1.5-V DDR power supply GVDD — GVDD F16 1.8-/1.5-V DDR power supply GVDD — GVDD F19 1.8-/1.5-V DDR power supply GVDD — GVDD F2 1.8-/1.5-V DDR power supply GVDD — GVDD F22 1.8-/1.5-V DDR power supply GVDD — GVDD F26 1.8-/1.5-V DDR power supply GVDD — GVDD F5 1.8-/1.5-V DDR power supply GVDD — GVDD F8 1.8-/1.5-V DDR power supply GVDD — GVDD H10 1.8-/1.5-V DDR power supply GVDD — Table 1. MPC8569E Pinout Listing (continued) Signal1 Package Pin Number Pin Type Power Supply Note |