| データシートサーチシステム |
|
CSL-03425P4 データシート(PDF) 81 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
CSL-03425P4 データシート(HTML) 81 Page - Tyco Electronics |
|
81 / 85 page ![]() O-Type™ Manual wire and cable markers 81 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Pre-Printed Wire and Cable Markers Ordering information Size Code Cable Diameter Cable Size Marker Marker Part Cut mm mm 2 Size Length mm Packed 1106 0.6 - 1.0 - 0.75 3.0 1000 1107 0.9 - 1.3 - 10 4.0 1000 1108 1.1 - 1.6 - 12 3.0 1000 1109 1.4 - 2.1 - 15 3.0 1000 1110 1.9 - 2.8 - 20 5.0 1000 1111 2.4 - 3.5 1.0 25 5.0 1000 1112 2.9 - 4.8 1.5 30 5.0 1000 1113 3.9 - 5.8 2.5 & 4.0 40 5.0 1000 1114 5.3 - 8.0 6.0 & 10.0 55 5.0 1000 Color Code (Available for All Legends) 99 Pink Color code (for numbers 0-9 only) Legend Marker Color Ink Color Legend Marker Color Ink Color Legend Marker Color Ink Color 0 Black White 1 Brown White 2 Red Black 3 Orange Black 4 Yellow Black 5 Green Black 6 Blue Black 7 Violet Black 8 Gray Black 9 White Black Legend code Legend Code Legend Code Legend Code Legend Code 000 J 19 / 38 SO 57 1 01 K 20 ~ 39 -10 58 2 02 L 21 Earth 40 -1 59 303 M 22 ) 41 -2 60 4 04 N 23 Blank 42 505 O 24 : 43 606 P 25 , 44 707 Q 26 < 45 808 R 27 > 46 909 S 28 = 47 A 10 T 29 Fullstop 48 B11 U 30 Ä 49 C12 V 31 Ö 50 D 13 W 32 L1 51 E 14 X 33 L2 52 F 15 Y 34 L3 53 G 16 Z 35 SERD 54 H 17 + 36 PE 55 I 18 - 37 PEN 56 |