| データシートサーチシステム |
|
CSL-03425P4 データシート(PDF) 47 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
CSL-03425P4 データシート(HTML) 47 Page - Tyco Electronics |
|
47 / 85 page ![]() HPK Thermal transfer printable panel labels 47 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Performance Labels Ordering information Available sizes and formats Ordering Labels (A) Label (B) Label (C) Vertical (D) Web description across width height repeat width mm inches mm inches mm inches mm inches HPK02WE1050 1 50.80 2.000 5.10 0.200 8.30 0.325 57.20 2.250 HPK04WE1050 1 50.80 2.000 10.20 0.400 13.30 0.525 57.20 2.250 HPK06WE1050 1 50.80 2.000 15.20 0.600 18.40 0.725 57.20 2.250 HPK08WE1050 1 50.80 2.000 20.30 0.800 23.50 0.925 57.20 2.250 HPK10WE1050 1 50.80 2.000 25.40 1.000 28.60 1.125 57.20 2.250 Options Prescoring Perforated score to produce multiple labels from each HPK label. Number of prescores 0 prescores 1 prescore Code 1 2 Package size Standard 1000 piece pack Color Standard White Ordering information: Specify product name, product size and prescores. Ordering example: HPK02WE1050 |