データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP502CF データシート(PDF) 11 Page - Sipex Corporation

部品番号 SP502CF
部品情報  Multi-Mode Serial Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIPEX [Sipex Corporation]
ホームページ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502CF データシート(HTML) 11 Page - Sipex Corporation

Back Button SP502CF Datasheet HTML 7Page - Sipex Corporation SP502CF Datasheet HTML 8Page - Sipex Corporation SP502CF Datasheet HTML 9Page - Sipex Corporation SP502CF Datasheet HTML 10Page - Sipex Corporation SP502CF Datasheet HTML 11Page - Sipex Corporation SP502CF Datasheet HTML 12Page - Sipex Corporation SP502CF Datasheet HTML 13Page - Sipex Corporation SP502CF Datasheet HTML 14Page - Sipex Corporation SP502CF Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
SP502
196Ω
196Ω
422Ω
422Ω
422Ω
+
22µF, 16V
1N5819
1N5819
22µF (VCC decoupling)
+5V, ±5%
+
22µF
16V
25
27
26
30
28
31
32
22µF
16V
+
+
22µF, 16V
VCC
VDD
C1+
C1–
C2+
C2–
VSS
GND
Charge
Pump
196Ω
196Ω
422Ω
422Ω
422Ω
47Ω
47Ω
120Ω
47Ω
47Ω
V.35 External
Receiver Input
Termination Resistors
V.35 External
Driver Output
Termination Resistors
D1
D2
D1 and D2 are Schottky diodes. They
are necessary to guard against VCC
rates of rise greater than 1V/µs, which
can cause start–up problems.
All VCC connections can be tied
'together. Charge pump capacitors must
be placed as close to the package as
possible.
Receiver
Decode
Driver
Decode
Ext.
Latch
1
1
1
0
1
1
1
0
120Ω
+
Figure 6. Typical Operating Circuit
For NET2 certified circuits, please contact the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30