データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP502CF データシート(PDF) 22 Page - Sipex Corporation

部品番号 SP502CF
部品情報  Multi-Mode Serial Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIPEX [Sipex Corporation]
ホームページ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502CF データシート(HTML) 22 Page - Sipex Corporation

Back Button SP502CF Datasheet HTML 18Page - Sipex Corporation SP502CF Datasheet HTML 19Page - Sipex Corporation SP502CF Datasheet HTML 20Page - Sipex Corporation SP502CF Datasheet HTML 21Page - Sipex Corporation SP502CF Datasheet HTML 22Page - Sipex Corporation SP502CF Datasheet HTML 23Page - Sipex Corporation SP502CF Datasheet HTML 24Page - Sipex Corporation SP502CF Datasheet HTML 25Page - Sipex Corporation SP502CF Datasheet HTML 26Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
22
Several other approaches for driving the RDEC
and TDEC signals are possible. One approach
would use two independent 4-bit latches, one
each to drive the RDEC and TDEC pins as
separate groups. Another approach would use
one 4-bit latch, each output of the latch would
drive a corresponding pair of RDEC/TDEC
signals. For instance, RDEC
0 and TDEC0 could
be tied together and be driven by the low order
bit of the 4-bit latch.
RL & LL Control Bit Registers
A 2-bit latch is used to allow the Processor to
program the states of the RL and LL interface
signals. This latch is necessary since most SCCs
do not support RL and LL control signals.
RI Status Bit Register
A 1-bit read register is implemented using a
tri-state buffer. This will allow the Processor to
read the state of the RI (Ring Indicator) inter-
face signal. This is necessary since most SCCs
do not support the RI interface signal.
The example interface shows the SP502A’s
IC(a) input tied to the EIA-530 signal TM (Test
Mode). EIA530 does not specify an RI signal. If
EIA-530 operation is required, the RI Status Bit
Register could be used to monitor the condition
of the TM signal or it could be ignored. For other
interface standards, the connector pin 25 on the
schematic could be tied to the RI signal through
a cable adapter arrangement. For instance, if
RS-232 operation is used, pin 25 of the connec-
tor could be tied to pin 22 of the RS-232 adapter
(circuit CE) and the RI Status Bit Register
then used to monitor the RS-232 signal for ring
indicator.
Baud Rate Clock Source
Most SCCs require an external clock source for
operation in asynchronous and self-clocking
applications.
I/O Connector Interface
The I/O connector is wired to the SP502A such
that the interface represents a DTE device. As
shown, the connector is wired in an EIA-530
configuration with EIA-530 signal mnemonics.
A 25-pin connector wired to the EIA-530 speci-
fication provides pins for all interface signals
supported by the SP502. If the SP502 is pro-
grammed for other physical interfaces, such as
V.35, then an adapter cable will provide the
necessary conversion from the EIA-530 pin-outs
to those required by the V.35 standard together
with its ISO-2593 connector.
Notes Regarding V.35 Operation
The user will have to provide additional resistor
networks if correct V.35 signal levels and termi-
nation impedances are required. This is neces-
sary because the SP502 does not provide V.35
signal terminations when programmed for V.35
operation. Two approaches are possible. First, if
the SP502 is permanently programmed to oper-
ate as V.35 only, with no other interface stan-
dard required, then the appropriate resistors can
be mounted on the PCB near the SP502. Second,
if the SP502 will be programmed for a variety of
standards, then a better approach might be to
provide the resistors as part of the cable adapter
assembly used to convert from the standard
EIA-530 connector pin-outs shown in the ex-
ample to the V.35/ISO-2593 connector and
pin-outs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30