| データシートサーチシステム |
|
FE0H473ZF データシート(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
FE0H473ZF データシート(HTML) 7 Page - NEC |
|
7 / 39 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 2010.11.8 9565SCAVOL12E Super Capacitors Vol.12 7 5. Part Number System FG Series bulk type FG 0H 223 Z F Environmental pollutant reduced Capacitance tolerance +80%, −20% Nominal capacitance(μF) First two digits represent significant figure Third digit specifies number of zeroes to follow microfarad code. Maximum operating voltage 0V:3.5Vdc, 0H:5.5Vdc, 0J:6.5Vdc, 1A:11Vdc, 1B:12Vdc Series name Height (excluding lead) 16:16mm 18:18mm Tape type Bulk part name FM Series tape type (Ammo pack) FM0H223ZF TP 16 FC Series tape type (Embossed tape) FC0H104ZF TB R 24 - SS Indivisual management code Tape width Positive electrode position in relation to tapes forward direction Embossed tape type Bulk part name FM, FC, FT, FG, FS, FR, FY, FE, FA Series |