| データシートサーチシステム |
|
FE0H473ZF データシート(PDF) 9 Page - NEC |
|
|
|||||||||||||||||||||||||||||
FE0H473ZF データシート(HTML) 9 Page - NEC |
|
9 / 39 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 2010.11.8 9565SCAVOL12E Super Capacitors Vol.12 9 Markings Displays nominal capacitance, MAX operating voltage serial number, polarity and etc. Standard models FC Type Part Number Max. Operating Voltage (Vdc) Nominal Capacitance Discharge system (F) Max. ESR (at 1kHz) (Ω) Max. current at 30 minutes (mA) Voltage Holding Characteristic Min. (V) Dimension (Unit:mm) Weight (g) DH A B I W P K L FC0H473ZFTBR24 5.5 0.047 50 0.071 4.2 10.5 5.5 10.8 10.8 3.6±0.5 1.2 5.0 0.7±0.3 0 +0.3 1.0 − 0.1 FC0H104ZFTBR24 5.5 0.10 25 0.15 4.2 10.5 5.5 10.8 10.8 3.6±0.5 1.2 5.0 0.7±0.3 0 +0.3 1.0 − 0.1 FC0H224ZFTBR24 5.5 0.22 25 0.33 4.2 10.5 8.5 10.8 10.8 3.6±0.5 1.2 5.0 0.7±0.3 0 +0.3 1.4 − 0.1 FC0H474ZFTBR32-SS 5.5 0.47 13 0.71 4.2 16.0 9.5 16.3 16.3 6.8±1.0 1.2 5.0 1.2±0.5 0 +0.5 4.0 − 0.1 FC0H105ZFTBR44-SS 5.5 1.0 7 1.50 4.2 21.0 10.5 21.6 21.6 7.0±1.0 1.4 10.0 1.2±0.5 0 +0.5 6.7 − 0.1 FC0V104ZFTBR24 3.5 0.10 50 0.09 ̶ 10.5 5.5 10.8 10.8 3.6±0.5 1.2 5.0 0.7±0.3 0 +0.3 1.0 − 0.1 FC0V224ZFTBR24 3.5 0.22 25 0.20 ̶ 10.5 5.5 10.8 10.8 3.6±0.5 1.2 5.0 0.7±0.3 0 +0.3 1.0 − 0.1 FC0V474ZFTBR24 3.5 0.47 25 0.42 ̶ 10.5 8.5 10.8 10.8 3.6±0.5 1.2 5.0 0.7±0.3 0 +0.3 1.4 − 0.1 FCH Type Part Number Max. Operating Voltage (Vdc) Nominal Capacitance Discharge system (F) Max. ESR (at 1kHz) (Ω) Max. current at 30 minutes (mA) Voltage Holding Characteristic Min. (V) Dimension (Unit:mm) Weight (g) DH A B I W P K L FCH0V683ZFTBR16 3.6 0.068 40 0.062 ̶ 6.8 3.7 6.8 6.8 2.9±0.5 0.7 2.5 0.7±0.3 0 +0.3 0.3 − 0.1 FCH0H433ZFTBR16 5.5 0.043 50 0.065 ̶ 6.8 5.0 6.8 6.8 2.9±0.5 0.7 2.5 0.7±0.3 0 +0.3 0.4 − 0.1 FCS Type Part Number Max. Operating Voltage (Vdc) Nominal Capacitance Discharge system (F) Max. ESR (at 1kHz) (Ω) Max. current at 30 minutes (mA) Voltage Holding Characteristic Min. (V) Dimension (Unit:mm) Weight (g) DH A B I W P K L FCS0H473ZFTBR24 5.5 0.047 100 0.071 4.2 10.7 5.5 10.8 10.8 3.9±0.5 1.2 5.0 0.9±0.3 0 +0.3 1.0 − 0.1 FCS0H104ZFTBR24 5.5 0.10 50 0.15 4.2 10.7 5.5 10.8 10.8 3.9±0.5 1.2 5.0 0.9±0.3 0 +0.3 1.0 − 0.1 FCS0H224ZFTBR24 5.5 0.22 50 0.33 4.2 10.7 8.5 10.8 10.8 3.9±0.5 1.2 5.0 0.9±0.3 0 +0.3 1.4 − 0.1 FCS0V104ZFTBR24 3.5 0.10 100 0.09 ̶ 10.7 5.5 10.8 10.8 3.9±0.5 1.2 5.0 0.9±0.3 0 +0.3 1.0 − 0.1 FCS0V224ZFTBR24 3.5 0.22 50 0.20 ̶ 10.7 5.5 10.8 10.8 3.9±0.5 1.2 5.0 0.9±0.3 0 +0.3 1.0 − 0.1 FCS0V474ZFTBR24 3.5 0.47 50 0.42 ̶ 10.7 8.5 10.8 10.8 3.9±0.5 1.2 5.0 0.9±0.3 0 +0.3 1.4 − 0.1 D±0.5 B±0.2 A±0.2 Negative terminal Positive terminal W±0.1 H max. L K II P 473 5.5V A1 Nominal capacitance MAX operating voltage Date code Polarity (negative) FC 5.5V 474 A1-001 Nominal capacitance MAX operating voltage Serial number Polarity (negative) Series name Logo N T Date code FC0H473ZFTBR24 FC0H104ZFTBR24 FC0H224ZFTBR24 FC0V104ZFTBR24 FC0V224ZFTBR24 FC0V474ZFTBR24 FCH0V683ZFTBR16 FCH0V433ZFTBR16 473 5.5V A1 S Nominal capacitance MAX operating voltage Date code FCS Type Polarity (negative) FCS0H473ZFTBR24 FCS0H104ZFTBR24 FCS0H224ZFTBR24 FCS0V104ZFTBR24 FCS0V224ZFTBR24 FCS0V474ZFTBR24 FC0H474ZFTBR32-SS FC0H105ZFTBR44-SS 6. Rated Specifications 6.1 FC Series Features • Enables surface mounting. • High rated voltage of 5.5V. • High leakage reliability. Dimensions |