| データシートサーチシステム |
|
PSLP0J106M データシート(PDF) 3 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PSLP0J106M データシート(HTML) 3 Page - NEC |
|
3 / 8 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9653TCAVOL14E1109E0 PS/L Series 12 AG Polarity Marking Code (DC Rated Voltage and Capacitance) J Polarity Marking Code (DC Rated Voltage and Capacitance) FjA7 Polarity Marking Code (DC Rated Voltage and Capacitance) Marking Code (DC Rated Voltage and Capacitance) Production Date Code NE R jE7 Polarity Production Date Code NE for NeoCapacitor NE for NeoCapacitor Marking Code (DC Rated Voltage and Capacitance) Polarity Production Date Code NE R jE8 [P case] (ex. 10 F / 4 V) [J case] (ex. 4.7 F / 6.3 V) [A2, A cases] (ex. 10 F / 6.3 V) [B3, B15, B2 cases] (ex. 15 F / 6.3 V) [C2, C, V, D cases] (ex. 150 F / 6.3 V) [A2, A, B3, B15, B2, C2, C, V, D cases production date code] [J case Marking Code] [P case Marking Code] [A2, A, B3, B15, B2, C2, C, V, D cases Marking Code] UR J A 4V 2.5V e g jA C D E 2.5V 4V 6.3V 10V 20V 25V 16V 4V 6.3V 10V16V 10 6.8 4.7 3.3 2.2 22 15 10 6.8 4.7 3.3 2.2 1.0 1000 680 470 330 220 150 100 68 47 33 22 15 10 6.8 4.7 3.3 A9 W8 S8 N8 J8 E8 A8 W7 S7 N7 J7 E7 A7 W6 S6 N6 eN7 eS7 eA8 eJ8 eN8 eS8 eW8 eA9 gA7 gJ7 gN7 gS7 gW7 gA8 gE8 gJ8 gN8 gS8 gW8 jW6 jA7 jE7 jJ7 jN7 jS7 jW7 jA8 jE8 jJ8 jN8 AN6 AS6 AW6 AA7 AE7 AJ7 AN7 AS7 AW7 AA8 AE8 AJ8 CN6 CS6 CW6 CA7 CN7 CS7 CW7 DJ7 DN7 DS7 EW6 EE7 EJ7 EN7 6.3V 10V F F F NJ SJ WJ AG AJ Je JG AA UR UR NOTE: Production date code will resume beginning in 2015. Jan. Feb. Mar. Apr. May. Jun. Jul. Aug. Sep. Oct. Nov. Dec. 2011 ab c d e f g h j k l m 2012 np q r s t u v w x y z 2013 AB CD E F G H J K L M 2014 NP Q R S T UV W X Y Z M Y UR :Rated Voltage |