| データシートサーチシステム |
|
PSLP0J106M データシート(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PSLP0J106M データシート(HTML) 7 Page - NEC |
|
7 / 8 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9653TCAVOL14E1109E0 PS/L Series 16 6.3 68 C2 PSLC20J686M 42.8 9 55 1279 9 14 ±20% ±20% 68 C PSLC0J686M 42.8 9 100 1049 9 14 ±20% ±20% 100 A PSLA0J107M(70) 63 8 70 1035 8 12 ±20% ±20% 100 A PSLA0J107M(45) 63 8 45 1300 8 12 ±20% ±20% 100 A PSLA0J107M(35) 63 8 35 1500 8 12 ±20% ±20% 100 B2 PSLB20J107M 63 8 70 1102 8 12 ±20% ±20% 100 B2 PSLB20J107M(45) 63 8 45 1374 8 12 ±20% ±20% 100 B2 PSLB20J107M(35) 63 8 35 1558 8 12 ±20% ±20% 100 B2 PSLB20J107M(25) 63 8 25 1844 8 12 ±20% ±20% 100 C2 PSLC20J107M 63 9 70 1134 9 14 ±20% ±20% 100 C2 PSLC20J107M(55) 63 9 55 1279 9 14 ±20% ±20% 100 C PSLC0J107M 63 9 100 1049 9 14 ±20% ±20% 100 C PSLC0J107M(55) 63 9 55 1414 9 14 ±20% ±20% 100 V PSLV0J107M(18) 63 10 18 2635 10 15 ±20% ±20% 100 V PSLV0J107M(15) 63 10 15 2887 10 15 ±20% ±20% 150 B15 PSLB150J157M(70) 94.5 10 70 1069 10 15 ±20% ±20% 150 B15 PSLB150J157M(35) 94.5 10 35 1512 10 15 ±20% ±20% 150 B2 PSLB20J157M 94.5 8 45 1374 8 12 ±20% ±20% 150 B2 PSLB20J157M(35) 94.5 8 35 1558 8 12 ±20% ±20% 150 B2 PSLB20J157M(25) 94.5 8 25 1844 8 12 ±20% ±20% 150 C2 PSLC20J157M 94.5 9 55 1279 9 14 ±20% ±20% 150 C PSLC0J157M 94.5 9 100 1049 9 14 ±20% ±20% 150 C PSLC0J157M(55) 94.5 9 55 1414 9 14 ±20% ±20% 150 C PSLC0J157M(45) 94.5 9 45 1563 9 14 ±20% ±20% 150 C PSLC0J157M(25) 94.5 9 25 2098 9 14 ±20% ±20% 150 V PSLV0J157M 94.5 10 45 1667 10 15 ±20% ±20% 150 V PSLV0J157M(25) 94.5 10 25 2236 10 15 ±20% ±20% 150 V PSLV0J157M(18) 94.5 10 18 2635 10 15 ±20% ±20% 150 V PSLV0J157M(15) 94.5 10 15 2887 10 15 ±20% ±20% 150 V PSLV0J157M(12) 94.5 10 12 3227 10 15 ±20% ±20% 150 D PSLD0J157M 94.5 10 55 1651 10 15 ±20% ±20% 150 D PSLD0J157M(40) 94.5 10 40 1936 10 15 ±20% ±20% 150 D PSLD0J157M(25) 94.5 10 25 2449 10 15 ±20% ±20% 220 B2 PSLB20J227M(45) 138.6 8 45 1374 8 12 ±20% ±20% 220 B2 PSLB20J227M(35) 138.6 8 35 1558 8 12 ±20% ±20% 220 B2 PSLB20J227M(25) 138.6 8 25 1844 8 12 ±20% ±20% 220 V PSLV0J227M 138.6 10 45 1667 10 15 ±20% ±20% 220 V PSLV0J227M(25) 138.6 10 25 2236 10 15 ±20% ±20% 220 V PSLV0J227M(15) 138.6 10 15 2887 10 15 ±20% ±20% 220 V PSLV0J227M(12) 138.6 10 12 3227 10 15 ±20% ±20% 220 D PSLD0J227M 138.6 10 55 1651 10 15 ±20% ±20% 220 D PSLD0J227M(40) 138.6 10 40 1936 10 15 ±20% ±20% 220 D PSLD0J227M(25) 138.6 10 25 2449 10 15 ±20% ±20% 330 V PSLV0J337M 207.9 10 45 1667 10 15 ±20% ±20% 330 V PSLV0J337M(25) 207.9 10 25 2236 10 15 ±20% ±20% 330 D PSLD0J337M 207.9 10 40 1936 10 15 ±20% ±20% 330 D PSLD0J337M(25) 207.9 10 25 2449 10 15 ±20% ±20% 330 D PSLD0J337M(18) 207.9 10 18 2887 10 15 ±20% ±20% 10 2.2 J PSLJ1A225M 10 4 500 141 4 6 ±20% ±20% 3.3 J PSLJ1A335M 10 6 500 141 6 6 ±20% ±20% 3.3 A PSLA1A335M 3.3 6 300 500 6 9 ±20% ±20% 4.7 J PSLJ1A475M 10 6 500 141 6 6 ±20% ±20% 4.7 A2 PSLA21A475M 4.7 6 300 447 6 9 ±20% ±20% 4.7 A PSLA1A475M 4.7 6 300 500 6 9 ±20% ±20% 6.8 A2 PSLA21A685M 6.8 6 300 447 6 9 ±20% ±20% 6.8 A PSLA1A685M 6.8 6 300 500 6 9 ±20% ±20% 6.8 B2 PSLB21A685M 6.8 8 200 652 8 12 ±20% ±20% 10 P PSLP1A106M 10 6 200 354 6 9 ±20% ±20% 10 A2 PSLA21A106M 10 6 200 548 6 9 ±20% ±20% 10 A PSLA1A106M 10 6 200 612 6 9 ±20% ±20% 10 B2 PSLB21A106M 10 8 200 652 8 12 ±20% ±20% 15 A PSLA1A156M 15 6 180 645 6 9 ±20% ±20% 15 B2 PSLB21A156M 15 8 150 753 8 12 ±20% ±20% Capacitance Voltage (V) Case Code Part Number (Bulk) Leakage Current ( F) ( A) DF (%) (m ) ESR Permissible Ripple Current (mA rms.) Rated Capacitance Change +105℃ at Endurance Soldering Heat at Resistance to at Surge Voltage Max Max Max DF (%) Max -55℃ *1 *1: Measure frequency z: 300kHz, none: 100 kHz |