| データシートサーチシステム |
|
STLQ50C33R データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLQ50C33R データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 18 page ![]() November 2007 Rev. 4 1/18 18 STLQ50XX 50 mA, 3 µA supply current low drop linear regulator Features ■ 2.3 V to 12 V input voltage range ■ 50 mA maximum output current ■ 3 µA quiescent current ■ Available in 1.8 V, 2.5 V, 3.3 V, 5.0 V and adjustable ■ 200 mV dropout voltage at 25 mA output current ■ Internal thermal protection ■ Available in SOT323-5L package, and SOT23- 5L package (upon request) Applications ■ Portable/battery powered equipments ■ Electronic sensors ■ Microcontroller power ■ Real time clock backup power Description The STLQ50 is a BiCMOS linear regulator specifically designed for operating in environment with very low power consumption constraints. Due to the very low quiescent current (3 µA) the device is suitable for those application that have very long stand-by time allowing extension of battery life. The P-MOS pass element allows also a very good drop-out figure (200 mV at 25 mA IO and 350 mV at full load) without affecting the consumption characteristics. Housed in the very small SOT323-5L or SOT23- 5L, it fulfils the space saving requirements in battery powered equipments. SOT23-5L SOT323-5L (available on request) Table 1. Device summary Part number Order codes Output voltage Packages SOT323-5L (T&R) SOT23-5L (T&R) (1) STLQ50XX18 STLQ50C18R STLQ50M18R Fixed VO = 1.8V STLQ50XX25 STLQ50C25R STLQ50M25R Fixed VO = 2.5V STLQ50XX33 STLQ50C33R STLQ50M33R Fixed VO = 3.3V STLQ50XX50 STLQ50C50R STLQ50M50R Fixed VO = 5.0V STLQ50 STLQ50C-R STLQ50M-R Adjustable 1. Available upon request. www.st.com |
同様の部品番号 - STLQ50C33R |
|
同様の説明 - STLQ50C33R |